Electronic Components Datasheet Search
  English  ▼

X  

IMX93CEC Datasheet(PDF) 88 Page - NXP Semiconductors

Part # IMX93CEC
Description  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX93CEC Datasheet(HTML) 88 Page - NXP Semiconductors

Back Button IMX93CEC Datasheet HTML 84Page - NXP Semiconductors IMX93CEC Datasheet HTML 85Page - NXP Semiconductors IMX93CEC Datasheet HTML 86Page - NXP Semiconductors IMX93CEC Datasheet HTML 87Page - NXP Semiconductors IMX93CEC Datasheet HTML 88Page - NXP Semiconductors IMX93CEC Datasheet HTML 89Page - NXP Semiconductors IMX93CEC Datasheet HTML 90Page - NXP Semiconductors IMX93CEC Datasheet HTML 91Page - NXP Semiconductors IMX93CEC Datasheet HTML 92Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 123 page
background image
Table 102. 11 x 11 mm functional contact assignment ...continued
Ball name
11 x 11
ball
Power group
Ball Types
Default setting
Default
modes
Default function
Status while
reset is
asserted
DRAM_DQ15_A
P1
VDDQ_DDR
DDR
—
—
—
DRAM_DQS0_C_A
L4
VDDQ_DDR
—
—
—
—
DRAM_DQS0_T_A
N4
VDDQ_DDR
DDRCLK
—
—
—
DRAM_DQS1_C_A
R5
VDDQ_DDR
—
—
—
—
DRAM_DQS1_T_A
R4
VDDQ_DDR
DDRCLK
—
—
—
DRAM_MTEST1
D4
VDDQ_DDR
DDR
—
—
—
DRAM_RESET_N
D2
VDDQ_DDR
DDR
—
—
—
DRAM_ZQ
E4
VDDQ_DDR
DDR
—
—
—
ENET1_MDC
AA11
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[0]
Input with PD
ENET1_MDIO
AA10
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[1]
Input with PD
ENET1_RD0
AA8
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[10]
Input with PD
ENET1_RD1
Y9
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[11]
Input with PD
ENET1_RD2
AA9
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[12]
Input with PD
ENET1_RD3
Y10
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[13]
Input with PD
ENET1_RX_CTL
Y8
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[8]
Input with PD
ENET1_RXC
AA7
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[9]
Input with PD
ENET1_TD0
W11
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[5]
Input with PD
ENET1_TD1
T12
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[4]
Input with PD
ENET1_TD2
U12
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[3]
Input with PD
ENET1_TD3
V12
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[2]
Input with PD
ENET1_TX_CTL
V10
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[6]
Input with PD
ENET1_TXC
U10
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[7]
Input with PD
ENET2_MDC
Y7
NVCC_WAKEUP
GPIO
Alt5
GPIO4.IO[14]
Input with PD
Table continues on the next page...
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
88 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com