Electronic Components Datasheet Search
  English  ▼

X  

IMX93CEC Datasheet(PDF) 87 Page - NXP Semiconductors

Part # IMX93CEC
Description  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX93CEC Datasheet(HTML) 87 Page - NXP Semiconductors

Back Button IMX93CEC Datasheet HTML 83Page - NXP Semiconductors IMX93CEC Datasheet HTML 84Page - NXP Semiconductors IMX93CEC Datasheet HTML 85Page - NXP Semiconductors IMX93CEC Datasheet HTML 86Page - NXP Semiconductors IMX93CEC Datasheet HTML 87Page - NXP Semiconductors IMX93CEC Datasheet HTML 88Page - NXP Semiconductors IMX93CEC Datasheet HTML 89Page - NXP Semiconductors IMX93CEC Datasheet HTML 90Page - NXP Semiconductors IMX93CEC Datasheet HTML 91Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 123 page
background image
Table 102. 11 x 11 mm functional contact assignment ...continued
Ball name
11 x 11
ball
Power group
Ball Types
Default setting
Default
modes
Default function
Status while
reset is
asserted
DRAM_CK_C_A
G5
VDDQ_DDR
DDR
—
—
—
DRAM_CK_T_A
G4
VDDQ_DDR
DDR
—
—
—
DRAM_CKE0_A
H1
VDDQ_DDR
DDR
—
—
—
DRAM_CKE1_A
J4
VDDQ_DDR
DDR
—
—
—
DRAM_CS0_A
F1
VDDQ_DDR
DDR
—
—
—
DRAM_CS1_A
G2
VDDQ_DDR
DDR
—
—
—
DRAM_DMI0_A
L2
VDDQ_DDR
DDR
—
—
—
DRAM_DMI1_A
T2
VDDQ_DDR
DDR
—
—
—
DRAM_DQ00_A
N1
VDDQ_DDR
DDR
—
—
—
DRAM_DQ01_A
N2
VDDQ_DDR
DDR
—
—
—
DRAM_DQ02_A
M1
VDDQ_DDR
DDR
—
—
—
DRAM_DQ03_A
M2
VDDQ_DDR
DDR
—
—
—
DRAM_DQ04_A
K1
VDDQ_DDR
DDR
—
—
—
DRAM_DQ05_A
K2
VDDQ_DDR
DDR
—
—
—
DRAM_DQ06_A
J1
VDDQ_DDR
DDR
—
—
—
DRAM_DQ07_A
J2
VDDQ_DDR
DDR
—
—
—
DRAM_DQ08_A
V1
VDDQ_DDR
DDR
—
—
—
DRAM_DQ09_A
V2
VDDQ_DDR
DDR
—
—
—
DRAM_DQ10_A
U2
VDDQ_DDR
DDR
—
—
—
DRAM_DQ11_A
U1
VDDQ_DDR
DDR
—
—
—
DRAM_DQ12_A
R1
VDDQ_DDR
DDR
—
—
—
DRAM_DQ13_A
R2
VDDQ_DDR
DDR
—
—
—
DRAM_DQ14_A
P2
VDDQ_DDR
DDR
—
—
—
Table continues on the next page...
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
87 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com