Electronic Components Datasheet Search
  English  ▼

X  

IMX93CEC Datasheet(PDF) 94 Page - NXP Semiconductors

Part # IMX93CEC
Description  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX93CEC Datasheet(HTML) 94 Page - NXP Semiconductors

Back Button IMX93CEC Datasheet HTML 90Page - NXP Semiconductors IMX93CEC Datasheet HTML 91Page - NXP Semiconductors IMX93CEC Datasheet HTML 92Page - NXP Semiconductors IMX93CEC Datasheet HTML 93Page - NXP Semiconductors IMX93CEC Datasheet HTML 94Page - NXP Semiconductors IMX93CEC Datasheet HTML 95Page - NXP Semiconductors IMX93CEC Datasheet HTML 96Page - NXP Semiconductors IMX93CEC Datasheet HTML 97Page - NXP Semiconductors IMX93CEC Datasheet HTML 98Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 123 page
background image
Table 102. 11 x 11 mm functional contact assignment ...continued
Ball name
11 x 11
ball
Power group
Ball Types
Default setting
Default
modes
Default function
Status while
reset is
asserted
SD3_DATA1
V14
NVCC_WAKEUP
GPIO
Alt5
GPIO3.IO[23]
Input with PD
SD3_DATA2
U14
NVCC_WAKEUP
GPIO
Alt5
GPIO3.IO[24]
Input with PD
SD3_DATA3
T14
NVCC_WAKEUP
GPIO
Alt5
GPIO3.IO[25]
Input with PD
TAMPER0
B16
NVCC_BBSM_1P8
GPIO
Alt0
BBSMMIX.TAMPER0
Input with PD
TAMPER1
F14
NVCC_BBSM_1P8
GPIO
Alt0
BBSMMIX.TAMPER1
Input with PD
UART1_RXD
E20
NVCC_AON
GPIO
Alt5
GPIO1.IO[4]
Input with PD
UART1_TXD
E21
NVCC_AON
GPIO
Alt5
GPIO1.IO[5]
CCMSRCGPCMIX.BOOT_
MODE[0]
Input with PD
UART2_RXD
F20
NVCC_AON
GPIO
Alt5
GPIO1.IO[6]
Input with PD
UART2_TXD
F21
NVCC_AON
GPIO
Alt5
GPIO1.IO[7]
CCMSRCGPCMIX.BOOT_
MODE[1]
Input with PD
USB1_D_N
A14
VDD_USB_3P3
PHY
—
—
—
USB1_D_P
B14
VDD_USB_3P3
PHY
—
—
—
USB1_ID
C11
VDD_USB_1P8
PHY
—
—
—
USB1_TXRTUNE
D12
VDD_USB_1P8
PHY
—
—
—
USB1_VBUS
F12
VDD_USB_3P3
PHY
—
—
—
USB2_D_N
A15
VDD_USB_3P3
PHY
—
—
—
USB2_D_P
B15
VDD_USB_3P3
PHY
—
—
—
USB2_ID
E12
VDD_USB_1P8
PHY
—
—
—
USB2_TXRTUNE
D14
VDD_USB_1P8
PHY
—
—
—
USB2_VBUS
E14
VDD_USB_3P3
PHY
—
—
—
WDOG_ANY
J18
NVCC_AON
GPIO
Alt0
WDOG1.WDOG_ANY
Input with PU
XTALI_24M
D18
VDD_ANA0_1P8
ANALOG
—
—
—
Table continues on the next page...
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
94 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com