Electronic Components Datasheet Search
  English  ▼

X  

IMX93CEC Datasheet(PDF) 28 Page - NXP Semiconductors

Part # IMX93CEC
Description  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX93CEC Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button IMX93CEC Datasheet HTML 24Page - NXP Semiconductors IMX93CEC Datasheet HTML 25Page - NXP Semiconductors IMX93CEC Datasheet HTML 26Page - NXP Semiconductors IMX93CEC Datasheet HTML 27Page - NXP Semiconductors IMX93CEC Datasheet HTML 28Page - NXP Semiconductors IMX93CEC Datasheet HTML 29Page - NXP Semiconductors IMX93CEC Datasheet HTML 30Page - NXP Semiconductors IMX93CEC Datasheet HTML 31Page - NXP Semiconductors IMX93CEC Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 123 page
background image
Table 25. GPIO DC parameters
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
High-level output voltage
VOH (1.8 V)
DSE = X1, IOH = 1.1 mA DSE =
X6, IOH = 6.6 mA
0.8 x
NVCC_xxx
—
NVCC_xxx
V
VOH (3.3 V) DSE = X1, IOH = 2 mA DSE = X4,
IOH = 8 mA
0.8 x
NVCC_xxx
—
NVCC_xxx
V
Low-level output voltage
VOL (1.8 V)
DSE = X1, IOL = 1.1 mA DSE =
X6, IOL = 6.6 mA
0
—
0.2 x
NVCC_xxx
V
VOL (3.3 V)
DSE = X1, IOL = 2 mA DSE = X4,
IOL = 8 mA
0
—
0.2 x
NVCC_xxx
V
Low-level input voltage
VIL
NVCC_xxx = 1.65 - 3.465 V; Temp
= -40 to 125°C
0
—
0.3 x
NVCC_xxx
V
High-level input voltage
VIH
NVCC_xxx = 1.65 - 3.465 V;
Temp = -40 to 125°C
0.7 x
NVCC_xxx
—
NVCC_xxx
V
Pull-down resistor
Rpd3.3v
NVCC_xxx = 3.0 - 3.465 V; Temp =
-40 to 125°C
24
43
87
KΩ
Pull-up resistor
Rpu3.3v
18
37
72
KΩ
Pull-down resistor
Rpd1.8v
NVCC_xxx = 1.65 - 1.95 V; Temp
= -40 to 125°C
13
23
48
KΩ
Pull-up resistor
Rpu1.8v
12
22
49
KΩ
Note: For GPIO pads, when the supplies are ramp-up or/and below operating level, the pad state values are undefined.
Note: For PHY pads, the PAD state values are undefined before POR_B is asserted.
Table 26. Additional leakage parameters
Parameter
Symbol
Condition
Min
Max
Unit
Leakage high
IIH
Non-PHY I/O, 1.65 V - 3.465 V, Temp =
-40°C to 125°C | pad = VDDIO
[1]
-5
5
µA
Leakage low
IIL
Non-PHY I/O, 1.65 V - 3.465 V, Temp =
-40°C to 125°C | pad = VSS
[1]
-5
5
[1] This specification does not apply to PHY, ANALOG, TAMPER0, TAMPER1 I/Os, PMIC_ON_REQ, and PMIC_STBY_REQ.
4.5.2 DDR I/O DC electrical characteristics
The DDR I/O pads support LPDDR4/LPDDR4X operational modes. The Double Data Rate Controller (DDRC) is compliant with
JEDEC-compliant SDRAMs.
DDRC operation is contingent upon the board’s DDR design adherence to the DDR design and layout requirements stated in the
hardware development guide for the i.MX 93 application processors.
4.5.3 LVDS DC parameters
The LVDS interface complies with TIA/EIA 644-A standard. See TIA/EIA STANDARD 644-A, "Electrical Characteristics of Low
Voltage Differential Signaling (LVDS) Interface Circuits" for details.
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
28 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com