Electronic Components Datasheet Search
  English  ▼

X  

IMX93CEC Datasheet(PDF) 11 Page - NXP Semiconductors

Part # IMX93CEC
Description  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX93CEC Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button IMX93CEC Datasheet HTML 7Page - NXP Semiconductors IMX93CEC Datasheet HTML 8Page - NXP Semiconductors IMX93CEC Datasheet HTML 9Page - NXP Semiconductors IMX93CEC Datasheet HTML 10Page - NXP Semiconductors IMX93CEC Datasheet HTML 11Page - NXP Semiconductors IMX93CEC Datasheet HTML 12Page - NXP Semiconductors IMX93CEC Datasheet HTML 13Page - NXP Semiconductors IMX93CEC Datasheet HTML 14Page - NXP Semiconductors IMX93CEC Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 123 page
background image
Table 3. Special signal considerations
Signal Name
Remarks
CLKIN1/CLKIN2
CLKIN1 and CLKIN2 are input pins without internal pull-up and pull-down. An external 10K
pull-down resistor is recommended if they are not used.
NC
These signals are No Connect (NC) and should be unconnected in the application.
ONOFF
A brief connection to GND in the OFF mode causes the internal power management state machine
to change the state to ON. In the ON mode, a brief connection to GND generates an interrupt
(intended to be a software-controllable power-down). A connection to GND for a period of time
longer than the value configured in the BBNSM_CTRL[BTN_TIMEOUT] causes a forced OFF
(PMIC_ON_REQ output “L”), as long as there is no pending RTC alarm event or tamper event.
POR_B
POR_B has no internal pull-up/down resistor, and requires external pull-up resistor
to NVCC_BBSM_1P8.
It is recommended that POR_B is properly handled during power up/down. Please see the EVK
design for details.
RTC_XTALI/RTC_XTALO To hit the exact oscillation frequency, the board capacitors must be reduced to account for the board
and chip parasitics. The integrated oscillation amplifier is self-biasing, but relatively weak. Care
must be taken to limit the parasitic leakage from RTC_XTALI and RTC_XTALO to either the power
or the ground (> 100 MΩ). This de-biases the amplifier and reduces the start-up margin.
If you want to feed an external low-frequency clock into RTC_XTALI, the RTC_XTALO pin must
remain unconnected or driven by a complementary signal. The logic level of this forcing clock
must not exceed the NVCC_BBSM_1P8 level and the frequency shall be < 50 kHz under the
typical conditions.
XTALI_24M/XTALO_24M The system requires 24 MHz on XTALI/XTALO. The crystal cannot be eliminated by an external 24
MHz oscillator.
If this clock is used as a reference for USB, then there are strict frequency tolerance and jitter
requirements. See Clock sources and relevant interface specifications chapters for details.
3.1 Unused input and output guidance
If a function of the i.MX 93 is not used, the I/Os and power rails of that function can be terminated to reduce overall board power.
Table 4 is recommended connectivities for LVDS and other digital I/Os. Table 5 is recommended connectivities for MIPI. Table 6
is recommended connectivities for USB.
Table 4. Unused function strapping recommendations
Function
Ball name
Recommendations
if unused
ADC
ADC_IN0, ADC_IN1, ADC_IN2, ADC_IN3
Tie to ground
TAMPER TAMPER0, TAMPER1
Tie to ground
LVDS
LVDS_CLK_P, LVDS_CLK_N, LVDS_Dx_P, LVDS_Dx_N
Not connected
Table continues on the next page...
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
11 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com