Electronic Components Datasheet Search
  English  ▼

X  

IMX93CEC Datasheet(PDF) 24 Page - NXP Semiconductors

Part # IMX93CEC
Description  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX93CEC Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button IMX93CEC Datasheet HTML 20Page - NXP Semiconductors IMX93CEC Datasheet HTML 21Page - NXP Semiconductors IMX93CEC Datasheet HTML 22Page - NXP Semiconductors IMX93CEC Datasheet HTML 23Page - NXP Semiconductors IMX93CEC Datasheet HTML 24Page - NXP Semiconductors IMX93CEC Datasheet HTML 25Page - NXP Semiconductors IMX93CEC Datasheet HTML 26Page - NXP Semiconductors IMX93CEC Datasheet HTML 27Page - NXP Semiconductors IMX93CEC Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 123 page
background image
Table 22. Low power mode definition ...continued
IDLE
SUSPEND
BBSM
NOC clock
133 MHz
OFF
OFF
AXI clock
133 MHz
OFF
OFF
Module clocks
ON as needed
OFF
OFF
EdgeLock® Secure Enclave
ON
ON
ON
GPIO Wakeup
Yes
Yes
OFF
RTC Wakeup
Yes
Yes
Yes
USB remote wakeup
Yes
No[1]
No
Other wakeup source
Yes
No[2]
No
WAKEUPMIX
ON
OFF[3]
OFF
MLMIX
ON
OFF
OFF
NICMIX
ON as needed
OFF
OFF
[1] USB remote wakeup can be "Yes" if required.
[2] Other wakeup source can be "Yes" if required.
[3] WAKEUPMIX can be "ON" if required.
Note:
• Automatic enter self-refresh when there is no DRAM access.
• Put into self-refresh mode by software before entering low power mode.
• Turn off externally by PMIC when PMIC_STBY_REQ signal is asserted.
• Remote wakeup can be supported if the USB PHY power is on in this mode.
4.2.3 Chip power in different Low Power modes
Table 23 shows power consumption in different LP modes.
Table 23. Chip power in different LP modes
Mode
Supply
Voltage (V)
Power (mW)[1]
BBSM
NVCC_BBSM_1P8
1.8
0.14
SUSPEND
NVCC_GPIO, NVCC_SD2
3.3
2.65
NVCC_WAKEUP
[2]
1.8
1.20
VDDQ_DDR
0.6
< 0.01
VDD2_DDR
1.1
0.25
Table continues on the next page...
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
24 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com