Electronic Components Datasheet Search
  English  ▼

X  

IMX93CEC Datasheet(PDF) 80 Page - NXP Semiconductors

Part # IMX93CEC
Description  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX93CEC Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button IMX93CEC Datasheet HTML 76Page - NXP Semiconductors IMX93CEC Datasheet HTML 77Page - NXP Semiconductors IMX93CEC Datasheet HTML 78Page - NXP Semiconductors IMX93CEC Datasheet HTML 79Page - NXP Semiconductors IMX93CEC Datasheet HTML 80Page - NXP Semiconductors IMX93CEC Datasheet HTML 81Page - NXP Semiconductors IMX93CEC Datasheet HTML 82Page - NXP Semiconductors IMX93CEC Datasheet HTML 83Page - NXP Semiconductors IMX93CEC Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 123 page
background image
Table 93. Fuses and associated pins used for boot ...continued
BOOT_MODE[3:0]
Function
1001
LPB: Serial Downloader (USB1)
1010
LPB: uSDHC1 8-bit 1.8 V eMMC 5.1
1011
LPB: uSDHC2 4-bit SD 3.0
1100
LPB: FlexSPI Serial NOR
1101
LPB: FlexSPI Serial NAND 2K
1110
Reserved
1111
Reserved
• HW samples the boot CFG pins before ROM starts, these pins should be mapped to Boot CFG pins by default.
• Once HW samples the boot CFG pins and stores the boot CFG in CMC register, the register should be latched. The register
value is no more changes and reflecting the pins status.
Additional boot options are also supported for both Normal Boot Mode and Internal Fuse mode:
• All boot modes support for a range of speeds, timings, and protocol formats;
• eMMC and SD boot can be supported from any USDHC instance 1 or 2;
• Serial NOR boot supports for 1-bit, 4-bit, and 8-bit mode;
• Serial NAND boot supports for 1-bit, 4-bit, and 8-bit mode (8-bit Serial NAND)
BOOT_MODE pins are multiplexed over other functional pins. The functional I/O that are multiplexed with these pins must be
selected subject to two criteria:
• Functional I/O must not be used if they are inputs to the SoC, which could potentially be constantly driven by external
components. Such functional mode driving may interfere with the need for the board to pull these pins a certain way while
POR is asserted.
• Functional I/O must not be used if they are outputs of the SoC, which will be connected to components on the board that may
misinterpret the signals as valid signals if they are toggled (such as, the board drives them while POR is asserted).
5.2 Boot device interface allocation
i.MX 93 supports three kinds of boot devices:
• Primary Boot Device
The primary boot device is selected by Boot Config pins if boot mode is the Normal Boot or Internal Fuses Boot.
The valid primary boot device options are SD/eMMC/FlexSPI NOR/FlexSPI NAND. The valid options also depend
on the Boot Type and other fuses configuration.
• Recovery Boot Device
After failure of booting from Primary Boot Device, i.MX 93 tries to boot from another boot source. The recovery
boot device is only from SPI1/2/3/4.
• Serial Download Boot Device
Both Cortex®-M33 and Cortex®-A55 support serial download mode via USB1.
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
80 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com