Electronic Components Datasheet Search
  English  ▼

X  

IMX93CEC Datasheet(PDF) 98 Page - NXP Semiconductors

Part # IMX93CEC
Description  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX93CEC Datasheet(HTML) 98 Page - NXP Semiconductors

Back Button IMX93CEC Datasheet HTML 94Page - NXP Semiconductors IMX93CEC Datasheet HTML 95Page - NXP Semiconductors IMX93CEC Datasheet HTML 96Page - NXP Semiconductors IMX93CEC Datasheet HTML 97Page - NXP Semiconductors IMX93CEC Datasheet HTML 98Page - NXP Semiconductors IMX93CEC Datasheet HTML 99Page - NXP Semiconductors IMX93CEC Datasheet HTML 100Page - NXP Semiconductors IMX93CEC Datasheet HTML 101Page - NXP Semiconductors IMX93CEC Datasheet HTML 102Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 123 page
background image
Table 103. 11 x 11 mm, 0.5 mm pitch, ball map ...continued
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
P
DRA
M_D
Q15_
A
DRA
M_D
Q14_
A
VSS
VSS
VSS
VSS
GPIO
_IO1
4
GPIO
_IO1
5
P
R
DRA
M_D
Q12_
A
DRA
M_D
Q13_
A
VSS DRA
M_D
QS1_
T_A
DRA
M_D
QS1_
C_A
VDD
2_DD
R
VDD
_AN
A1_1
P8
NVC
C_W
AKE
UP
NVC
C_W
AKE
UP
VDD
_AN
A_0P
8
NVC
C_S
D2
GPIO
_IO1
9
GPIO
_IO1
8
VSS GPIO
_IO1
7
GPIO
_IO1
6
R
T
VSS DRA
M_D
MI1_
A
VDD
2_DD
R
ENE
T2_T
D0
ENE
T2_T
D3
ENE
T1_T
D1
SD3_
DAT
A3
SD3_
DAT
A0
GPIO
_IO2
0
GPIO
_IO2
1
T
U
DRA
M_D
Q11_
A
DRA
M_D
Q10_
A
VSS CCM
_CLK
O3
ENE
T2_T
XC
ENE
T2_T
D1
ENE
T1_T
XC
ENE
T1_T
D2
SD3_
DAT
A2
SD3_
CMD
GPIO
_IO2
2
VSS GPIO
_IO2
3
GPIO
_IO2
4
U
V
DRA
M_D
Q08_
A
DRA
M_D
Q09_
A
CCM
_CLK
O4
ENE
T2_T
X_CT
L
ENE
T2_T
D2
ENE
T1_T
X_CT
L
ENE
T1_T
D3
SD3_
DAT
A1
SD3_
CLK
SD2_
VSE
LEC
T
GPIO
_IO2
6
GPIO
_IO2
5
V
W
DAP
_TDI
DAP
_TM
S_S
WDI
O
VSS
VSS
NVC
C_W
AKE
UP
VSS ENE
T1_T
D0
VSS
VSS
VSS
VSS
GPIO
_IO2
8
GPIO
_IO2
7
W
Y
DAP
_TCL
K_S
DAP
_TD
O_T
CCM
_CLK
O2
ENE
T2_R
ENE
T2_R
D1
ENE
T2_R
D3
ENE
T2_M
DC
ENE
T1_R
ENE
T1_R
D1
ENE
T1_R
D3
SD1_
CLK
SD1_
STR
OBE
SD1_
DAT
A4
SD1_
DAT
A5
SD1_
DAT
A6
SD1_
DAT
A7
SD2_
CD_
B
SD2_
DAT
A0
SD2_
CMD
SD2_
DAT
A2
GPIO
_IO2
9
Y
Table continues on the next page...
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
98 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com