Electronic Components Datasheet Search
  English  ▼

X  

IMX93CEC Datasheet(PDF) 33 Page - NXP Semiconductors

Part # IMX93CEC
Description  i.MX 93 Applications Processors Data Sheet for Commercial Products
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX93CEC Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button IMX93CEC Datasheet HTML 29Page - NXP Semiconductors IMX93CEC Datasheet HTML 30Page - NXP Semiconductors IMX93CEC Datasheet HTML 31Page - NXP Semiconductors IMX93CEC Datasheet HTML 32Page - NXP Semiconductors IMX93CEC Datasheet HTML 33Page - NXP Semiconductors IMX93CEC Datasheet HTML 34Page - NXP Semiconductors IMX93CEC Datasheet HTML 35Page - NXP Semiconductors IMX93CEC Datasheet HTML 36Page - NXP Semiconductors IMX93CEC Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 123 page
background image
[4] This value is dependent on Operating data rate.
[5] This is the maximum bit rate that defined by supported display types.
4.7 Differential I/O output buffer impedance
The Differential CCM interface is designed to be compatible with TIA/EIA 644-A standard. See, TIA/EIA STANDARD 644-A,
Electrical Characteristics of Low Voltage Differential Signaling (LVDS) Interface Circuits (2001) for details.
4.7.1 DDR I/O output impedance
DDR output driver and ODT impedances are controlled across PVT using ZQ calibration procedure with a 120 ohm ±1% resistor
to ground. Programmable drive strength and ODT impedance targets available in the NXP DDR tool are detailed in the device IBIS
model. Impedance deviation (calibration accuracy) is ±10% (Maximum/Minimum impedance) across PVT.
4.8 System modules timing
This section contains the timing and electrical parameters for the modules in each i.MX 93 processor.
4.8.1 Reset timing parameters
Figure 8 shows the reset timing and Table 30 lists the timing parameters.
POR_B
CC1
(Input)
Figure 8. Reset timing diagram
Table 30. Reset timing parameters
ID
Parameter
Min Max
Unit
CC1
Duration of POR_B to be qualified as valid.
Note: POR_B rise/fall times must be 400 µs or less.
1
—
RTC_XTALI cycle
4.8.2 WDOG Reset timing parameters
Figure 9 shows the WDOG reset timing and Table 31 lists the timing parameters.
WDOGx_B
CC3
(Output)
Figure 9. WDOGx_B timing diagram
Table 31. WDOG
x_B timing parameters
ID
Parameter
Min
Max
Unit
CC3
Duration of WDOG1_B Assertion
1
—
RTC_XTALI cycle
Note: RTC_XTALI is approximately 32 kHz. RTC_XTALI cycle is one period or approximately 30 µs.
NXP Semiconductors
IMX93CEC
i.MX 93 Applications Processors Data Sheet for Commercial Products
IMX93CEC
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 7 — 12 February 2026
Document feedback
33 / 123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com