Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 268 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 268 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 264Page - Infineon Technologies AG XC2000 Datasheet HTML 265Page - Infineon Technologies AG XC2000 Datasheet HTML 266Page - Infineon Technologies AG XC2000 Datasheet HTML 267Page - Infineon Technologies AG XC2000 Datasheet HTML 268Page - Infineon Technologies AG XC2000 Datasheet HTML 269Page - Infineon Technologies AG XC2000 Datasheet HTML 270Page - Infineon Technologies AG XC2000 Datasheet HTML 271Page - Infineon Technologies AG XC2000 Datasheet HTML 272Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
System Control Unit (SCU)
Preliminary
User’s Manual
6-2
V1.0, 2007-06
SCU, V1.1
6.1
Clock Generation Unit
The Clock Generation Unit (CGU) allows a very flexible clock generation for XC2000.
During user program execution the frequency can be programmed for an optimal ratio
between performance and power consumption. Therefore the power consumption can
be adapted to the actual application state.
The CGU in the XC2000 consists of a clock generator block and a clock control unit
(CCU). The CGU can convert a low-frequency external clock to a high-speed internal
clock, or can create a high-speed internal clock without external input.
The system clock
f
SYS is generated out of four selectable clocks:
•
PLL clock
f
PLL
•
Wake-Up clock
f
WU
•
The Direct Clock
f
OSC, from pin XTAL1
•
Input DIRIN as Direct Clock Input
f
DIR
The RTC clock
f
RTC which is generated out of four selectable clocks:
•
PLL clock
f
PLL
•
The Direct Clock from pin XTAL1
f
OSC
•
Input DIRIN as Direct Clock Input
f
DIR
•
Input DRTC as Direct Clock Input
f
DRTC
Figure 6-1
Clock Generation Unit Block Diagram
CG U_Block_Diagram.vsd
Clock Generation Unit (CGU)
CCU
Clock Generator
f
OSC
f
WU
f
DIRIN
f
PDRTC
XTAL1
XTAL2
DIRIN
DRTC
f
SYS
to RTC
EXTCLK
to CC60
f
PL L
f
RTC
f
SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com