Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 272 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 272 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 268Page - Infineon Technologies AG XC2000 Datasheet HTML 269Page - Infineon Technologies AG XC2000 Datasheet HTML 270Page - Infineon Technologies AG XC2000 Datasheet HTML 271Page - Infineon Technologies AG XC2000 Datasheet HTML 272Page - Infineon Technologies AG XC2000 Datasheet HTML 273Page - Infineon Technologies AG XC2000 Datasheet HTML 274Page - Infineon Technologies AG XC2000 Datasheet HTML 275Page - Infineon Technologies AG XC2000 Datasheet HTML 276Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
System Control Unit (SCU)
Preliminary
User’s Manual
6-6
V1.0, 2007-06
SCU, V1.1
Figure 6-5
PLL Block Diagram
The reference frequency
f
R can be selected to be either taken from the internal clock
(IOSC), generating
f
INT, or from an external clock source, fOSC.
The PLL uses up to three dividers to manipulate the reference frequency in a
configurable way. Each of the three dividers can be bypassed in defining the following
PLL operating modes.
•
Bypassing P, N and K2 dividers; this defines the Prescaler Mode
•
Bypassing K1 divider; this defines the Normal Mode
•
Bypassing K1 divider and ignoring the P divider; this defines the Free-Running Mode
Table 6-2 shows clock source options that can be selected.
Normal Mode
In Normal Mode, the reference frequency
f
R is divided down by a factor P, multiplied by
a factor N, and then divided down by a factor K2.
Table 6-2
Clock Option Selection
VCOBY
FINDISC
Mode Selected
0
0
Normal Mode
1
x
Prescaler Mode
0
1
Free-Running Mode
PLL_Block_Diagram.vsd
PLL Block
f
OSC
Osc.
WDG
P-
Divider
VCO
Core
K2-
Divider
N-
Divider
Lock
Detect.
K1-
Divider
f
PL L
f
K2
f
K1
f
VC O
f
DIV
f
REF
f
P
f
R
PLLCON.O SCSEL
PLLSTAT.FINDIS
PLLCON.
VCOBY
M
U
X
M
U
X
1
0
0
1
f
IOSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com