Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 271 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 271 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 267Page - Infineon Technologies AG XC2000 Datasheet HTML 268Page - Infineon Technologies AG XC2000 Datasheet HTML 269Page - Infineon Technologies AG XC2000 Datasheet HTML 270Page - Infineon Technologies AG XC2000 Datasheet HTML 271Page - Infineon Technologies AG XC2000 Datasheet HTML 272Page - Infineon Technologies AG XC2000 Datasheet HTML 273Page - Infineon Technologies AG XC2000 Datasheet HTML 274Page - Infineon Technologies AG XC2000 Datasheet HTML 275Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
System Control Unit (SCU)
Preliminary
User’s Manual
6-5
V1.0, 2007-06
SCU, V1.1
Figure 6-4
XC2000 External Clock Input Mode for the High-Precision Oscillator
6.1.3
Phase-Locked Loop (PLL) Module
This section describes the XC2000 PLL module.
The clock
f
PLL is generated in one of three selectable ways:
•
Prescaler Mode
•
Normal Mode
•
Free-Running Mode
6.1.3.1
Features
Here is a brief overview of the functions that are offered by the PLL.
•
Programmable clock generation PLL
•
VCO lock detection
•
High-Precision Oscillator Watchdog
•
4 bit input divider P: (divide by PDIV+1)
•
6 bit feedback divider N: (multiply by NDIV+1)
•
10 bit output divider K1 or K2: (divide by either by K1DIV+1 or K2DIV+1)
•
Prescaler Mode
•
Free-Running Mode
•
Normal Mode
•
VCO Power Down (Sleep Mode)
•
Glitchless switching between both K-Dividers
•
Glitchless switching between Normal Mode and Prescaler Mode
6.1.3.2
PLL Functional Description
The following figure shows the PLL block structure.
CGU_OSC_HP_ExtIn.vsd
OSC_HP
f
OSC
XTAL1
XTAL2
VSS
f
EXT
External
Clock Signal
leave unconnected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com