Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 270 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 270 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 266Page - Infineon Technologies AG XC2000 Datasheet HTML 267Page - Infineon Technologies AG XC2000 Datasheet HTML 268Page - Infineon Technologies AG XC2000 Datasheet HTML 269Page - Infineon Technologies AG XC2000 Datasheet HTML 270Page - Infineon Technologies AG XC2000 Datasheet HTML 271Page - Infineon Technologies AG XC2000 Datasheet HTML 272Page - Infineon Technologies AG XC2000 Datasheet HTML 273Page - Infineon Technologies AG XC2000 Datasheet HTML 274Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
System Control Unit (SCU)
Preliminary
User’s Manual
6-4
V1.0, 2007-06
SCU, V1.1
When using an external clock it must be connected to XTAL1. XTAL2 is left open
(unconnected).
6.1.2.2
External Crystal Mode
When using an external crystal, its frequency can be within the range of 4 MHz
to 25 MHz. An external oscillator load circuitry must be used, connected to both pins,
XTAL1 and XTAL2. It consists normally of the two load capacitances C1 and C2, for
some crystals a series damping resistor might be necessary. The exact values and
related operating range are dependent on the crystal and have to be determined and
optimized together with the crystal vendor using the negative resistance method. As
starting point for the evaluation, the following load cap values may be used:
Figure 6-3
XC2000 External Crystal Mode Circuitry for the High-Precision
Oscillator
Table 6-1
External CAP Capacitors
Fundamental Mode Crystal Frequency
(approx., MHz)
Load Caps C1, C2 (pF)
433
818
12
12
16
10
20
10
25
8
CGU_OSC_HP_Crystal.vsd
OSC_HP
f
OSC
XTAL1
XTAL2
C1
C2
VSS
f
CRYST
Fundamental Mode Crystal
4 to 25 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com