Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 269 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 269 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 265Page - Infineon Technologies AG XC2000 Datasheet HTML 266Page - Infineon Technologies AG XC2000 Datasheet HTML 267Page - Infineon Technologies AG XC2000 Datasheet HTML 268Page - Infineon Technologies AG XC2000 Datasheet HTML 269Page - Infineon Technologies AG XC2000 Datasheet HTML 270Page - Infineon Technologies AG XC2000 Datasheet HTML 271Page - Infineon Technologies AG XC2000 Datasheet HTML 272Page - Infineon Technologies AG XC2000 Datasheet HTML 273Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
System Control Unit (SCU)
Preliminary
User’s Manual
6-3
V1.0, 2007-06
SCU, V1.1
The CGU is controlled by a number of registers, shown in Figure 6-2. The following
sections describe the different parts of the CGU.
Figure 6-2
Clock Generation Unit Register Overview
6.1.1
Wake-Up Clock Circuit (OSC_WU)
The wake-up clock circuit provides
f
WU as output.
The clock frequency can be configured via bit field WUOSCCON.FREQSEL.
6.1.2
High Precision Oscillator Circuit (OSC_HP)
The high precision oscillator circuit, designed to work with both an external crystal
oscillator or an external stable clock source, consists of an inverting amplifier with XTAL1
as input, and XTAL2 as output.
Figure 6-3 shows the recommended external circuitries for both operating modes,
External Crystal Mode and External Input Clock Mode.
6.1.2.1
External Input Clock Mode
When supplying the clock directly, not using an external crystal and bypassing the high-
precision oscillator, the input frequency needs to be equal or greater than 4 MHz if the
PLL VCO part is used.
CGU_Register_Overview.vsd
Output Control
Oscillator Control
System Control
PLLCON2
PLLCON3
SYSCON0
WUOSCCON
HPOSCCON
PLLOSCCON
PLLSTAT
PLLCON0
PLLCON1
PLLCON2
PLLCON3
SYSCON0
STATCLR0
STATCLR1
RTCCLKCON
EXTCON
STATCLR0
STATCLR1
RTCCLKCON
PLL Configuration 2 Register
PLL Configuration 3 Register
System Control 0 Register
Status Clear 0 Register
Status Clear 1 Register
RTC Clock Control Register
EXTCON
External Clock Control Register
WUOSCCON
HPOSCCON
PLLOSCCON
PLLSTAT
PLLCON0
PLLCON1
Wake-up OSC Control Register
High Precision OSC Control Register
PLL OSC Configuration Register
PLL Status Register
PLL Configuration 0 Register
PLL Configuration 1 Register
PLL Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com