Electronic Components Datasheet Search
  English  ▼

X  

OR4 Datasheet(PDF) 35 Page - Lattice Semiconductor

Part # OR4
Description  ORCASeries 4 FPGAs
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

OR4 Datasheet(HTML) 35 Page - Lattice Semiconductor

Back Button OR4 Datasheet HTML 31Page - Lattice Semiconductor OR4 Datasheet HTML 32Page - Lattice Semiconductor OR4 Datasheet HTML 33Page - Lattice Semiconductor OR4 Datasheet HTML 34Page - Lattice Semiconductor OR4 Datasheet HTML 35Page - Lattice Semiconductor OR4 Datasheet HTML 36Page - Lattice Semiconductor OR4 Datasheet HTML 37Page - Lattice Semiconductor OR4 Datasheet HTML 38Page - Lattice Semiconductor OR4 Datasheet HTML 39Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 152 page
background image
Lattice Semiconductor
35
Data Sheet
May, 2006
ORCA Series 4 FPGAs
Programmable Input/Output Cells
(continued)
Inputs
There are many major options on the PIO inputs that
can be selected in the ispLEVER tools listed in Table
14. Inputs may have a pull-up or pull-down resistor
selected on an input for signal stabilization and power
management. Input signals in a PIO are passed to CIB
routing and/or a fast route into the clock routing sys-
tem. A fast input from one PIO per PIC is also available
to drive the edge clock network for fast I/O timing to
other nearby PIOs.
There is also a programmable delay available on the
input. When enabled, this delay affects the INFF and
INDD signals of each PIO, but not the clock input. The
delay allows any signal to have a guaranteed zero hold
time when input.
Inputs should have transition times of less than 100 ns
and should not be left floating. For full swing inputs, the
timing characterization is done for rise/fall times of
≥ 1 V/ns. If any pin is not used, it is 3-stated with an
internal pull-up resistor enabled automatically after
configuration. Floating inputs increase power con-
sumption, produce oscillations, and increase system
noise. The inputs in LVTTL, LVCMOS2, and
LVCMOS18 modes have a typical hysteresis of approx-
imately 250 mV to reduce sensitivity to input noise. The
PIC contains input circuitry which provides protection
against latch-up and electrostatic discharge.
The other features of the PIO inputs relate to the latch/
FF structure in the input path. In latch mode, the input
signal is fed to a latch that is clocked by either the pri-
mary, secondary, or edge clock signal. The clock may
be inverted or noninverted. There is also a local set/
reset signal to the latch. The senses of these signals
are also programmable as well as the capability to
enable or disable the global set/reset signal and select
the set/reset priority. The same control signals may
also be used to control the input latch/FF when it is
configured as a FF instead of a latch, with the addition
of another control signal used as a clock enable. The
PIOs are paired together and have independent CE,
Set/reset, and GSRN control signals per PIO pair.
There are two options for zero-hold input capture in the
PIO. If input delay mode is selected to delay the signal
from the input pin, data can be either registered or
latched with guaranteed zero-hold time in the PIO
using a global primary system clock. The fast zero-hold
mode of the PIO input takes advantage of a latch/FF
combination to latch the data quickly for zero-hold
using a fast edge clock before passing the data to the
FF which is clocked by a global primary system clock.
The combination of input register capability with non-
registered inputs provides for input signal demultiplex-
ing without any additional resources. The PIO input
signal is sent to both the input register and directly to
the unregistered input (INDD). The signal is latched
and output to routing at INFF. These signals may then
be registered or otherwise processed in the PLCs.
Every PIO input can also perform input double data
rate (DDR) functions with no PLC resources required.
This type of scheme is necessary for DDR applications
which require data to be clocked in from the I/O on both
edges of the clock. In this scheme the input of INFF
and INSH are captured on the positive and negative
edges of the clock.
Table 14. PIO Options
Input
Option
Input Speed
Fast, Delayed, Normal
Float Value
Pull-up, Pull-down, None
Register Mode
Latch, FF, Fast Zero Hold FF, 
None (direct input)
Clock Sense
Inverted, Noninverted
Keeper Mode
on, off
LVDS Resistor
on, off
Output
Option
Output Speed
Fast, Slew
Output Drive 
Current
12 mA/6 mA, 6 mA/3 mA, or
24 mA/12 mA
Output Function 
Normal, Fast Open Drain
Output Sense
Active-high, Active-low
3-State Sense
Active-high, Active-low
Clock Sense
Inverted, Noninverted
Logic Options
See Table 15
I/O Controls
Option
Clock Enable 
Active-high, Active-low, 
Always Enabled
Set/Reset Level
Active-high, Active-low, 
No Local Reset
Set/Reset Type
Synchronous, Asynchronous
Set/Reset Priority
CE over LSR, LSR over CE
GSR Control
Enable GSR, Disable GSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com