Electronic Components Datasheet Search
  English  ▼

X  

OR4 Datasheet(PDF) 53 Page - Lattice Semiconductor

Part # OR4
Description  ORCASeries 4 FPGAs
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

OR4 Datasheet(HTML) 53 Page - Lattice Semiconductor

Back Button OR4 Datasheet HTML 49Page - Lattice Semiconductor OR4 Datasheet HTML 50Page - Lattice Semiconductor OR4 Datasheet HTML 51Page - Lattice Semiconductor OR4 Datasheet HTML 52Page - Lattice Semiconductor OR4 Datasheet HTML 53Page - Lattice Semiconductor OR4 Datasheet HTML 54Page - Lattice Semiconductor OR4 Datasheet HTML 55Page - Lattice Semiconductor OR4 Datasheet HTML 56Page - Lattice Semiconductor OR4 Datasheet HTML 57Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 152 page
background image
Lattice Semiconductor
53
Data Sheet
May, 2006
ORCA Series 4 FPGAs
Phase-Locked Loops (PLLs)
There are eight PLLs available to perform many clock modification and clock conditioning functions on the Series 4
FPGAs. Six of the PLLs are programmable allowing the user the flexibility to configure the PLL to manipulate the
frequency, phase, and duty cycle of a clock signal. Four of the programmable PLLs (PPLLs) are capable of manipu-
lating and conditioning clocks from 15 MHz to 200 MHz and two others (HPPLLs) are capable of manipulating and
conditioning clocks from 60 MHz to 420 MHz. Frequencies can be adjusted from 1/64x to 64x the input clock fre-
quency. Each programmable PLL provides two outputs that have different multiplication factors with the same
phase relationships. Duty cycles and phase delays can be adjusted in 12.5% of the clock period increments. An
automatic delay compensation mode is available for phase delay. Each PPLL and HPPLL provides two outputs that
can have programmable (45 degree increments) phase differences.
The PPLLs and HPPLLs can be utilized to eliminate skew between the clock input pad and the internal clock inputs
across the entire device. Both the PPLLS or the HPPLLs can drive onto the primary and secondary clock networks
inside the FPGA. Each can take a clock input from the dedicated pad or differential pair of pads in its corner or from
general routing resources.
Functionality of the PPLLs and HPPLLs is programmed during operation through a control register internal to the
FPGA array or via the configuration bit stream. The embedded system bus enables access to these registers (see
Table 23). There is also a PLL output signal, LOCK, that indicates a stable output clock state.
Table 27. PPLL Specifications
Additional highly tuned and characterized dedicated phase-locked loops (DPLLs) are included to ease system
designs. These DPLLs meet ITU-T G.811 primary clocking specifications and enable system designers to target
very tightly specified clock conditioning not available in the programmable PPLLs. They also provide enhanced jitter
filtering to reduce the amount of input jitter that is transferred to the PLL output when used in any application.
DPLLs are targeted to low-speed DS1 and E1 networking systems (PLL1) and high-speed SONET/SDH network-
ing STS-3 and STM-1 networking systems (PLL2).
Parameter
Min
Nom
Max
Unit
VDD15
1.425
1.5
1.575
V
VDD33
3.0
3.3
3.6
V
Operating Temp
–40
—
125
C
Input Clock Frequency
(No division)
PPLL
2.0
—
200
MHz
HPPLL
7.5
—
420
Output Clock Frequency
PPLL
15
—
200
MHz
HPPLL
60
—
420
Input Duty Cycle
30
—
70
%
Output Duty Cycle
45
50
55
%
Lock Time
—
<50
—
μs
Frequency Multiplication
Up to 64x
—
Frequency Division
Down to 1/64x
—
Duty Cycle Adjust of Output Clock
12.5, 25, 37.5, 50, 62.5, 75, 87.5
%
Delay Adjust of Output Clock
0, 45, 90, 135, 180, 225, 270, 315
degrees
Phase Shift Between MCLK and NCLK
0, 45, 90, 135, 180, 225, 270, 315
degrees



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com