Electronic Components Datasheet Search
  English  ▼

X  

OR4 Datasheet(PDF) 57 Page - Lattice Semiconductor

Part # OR4
Description  ORCASeries 4 FPGAs
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

OR4 Datasheet(HTML) 57 Page - Lattice Semiconductor

Back Button OR4 Datasheet HTML 53Page - Lattice Semiconductor OR4 Datasheet HTML 54Page - Lattice Semiconductor OR4 Datasheet HTML 55Page - Lattice Semiconductor OR4 Datasheet HTML 56Page - Lattice Semiconductor OR4 Datasheet HTML 57Page - Lattice Semiconductor OR4 Datasheet HTML 58Page - Lattice Semiconductor OR4 Datasheet HTML 59Page - Lattice Semiconductor OR4 Datasheet HTML 60Page - Lattice Semiconductor OR4 Datasheet HTML 61Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 152 page
background image
Lattice Semiconductor
57
Data Sheet
May, 2006
ORCA Series 4 FPGAs
FPGA States of Operation (continued)
Power Supply Sequencing
FPGAs are CMOS static RAM (SRAM) based program-
mable logic devices. The circuitry that the user designs
for the FPGA is implemented within the FPGA by set-
ting multiple SRAM configuration memory cells. This
unique structure as compared with typical CMOS cir-
cuits lends to having certain powerup voltage and cur-
rent requirements. This section describes these related
power issues for the ORCA Series 4 FPGAs and
FPSCs.
The flexibility of Series 4 FPGAs lends itself to more
power up considerations as it mixes many power sup-
plies to meet today’s versatile system standards. The
board designer must account for the relationship of the
supplies early in board development. The proper
sequence of supplies insures that the board will not be
troubled with power up issues.
The Series 4 devices have many new design improve-
ments to prevent short-circuit contention. This conten-
tion is typically caused by configuration RAM cells in
the device not all powering up to a Q = 0 RAM state. In
order for this to occur, a minimum current was needed
to push the internal circuitry beyond the initial short-cir-
cuit-like condition to become a full CMOS circuit.
Series 4 has overcome this requirement through many
improvements which have dramatically decreased the
adverse effects of internal power up memory conten-
tion.
At power up, the internal VDD ramp and the duration of
the ramp will depend on the amount of dynamic current
available from the power supply. If a large amount of
current is available, the voltage ramp seen by the
device will be very fast. When final voltage has been
reached, this high quiescent current is no longer
required. If the available current is limited, the time for
the device power to rise will be longer. The voltage
ramp should be monotonic with very little or no flatten-
ing as the supply ramps up. It is also recommended
that the supply should not rise and fall as it is powering
up as this will cause improper power up behavior.
In Series 4 devices, it is required that the VDD15 supply
pass through its operational threshold voltage of
approximately 1 V before the VDD33 supply reaches its
operational threshold of 2.3 V. The current required by
both VDD15 and VDD33 supplies while it passes
through their operational thresholds is approximately
between 1 and 2 amperes each. The powering of the
VDDIO supplies should be after the VDD15 and VDD33
supplies reach operational levels. This sequence and
supply currents can guarantee that the device will prop-
erly power up without any adverse effects.
In cases where the power up ramps are greater than 50
mS, it is recommended that PRGM pin be held low dur-
ing power up. However, this work around is only valid if
the power supplies meet the above mentioned current
and voltage requirements. The assertion of the PRGM
will hold off the device from configuration while the
device stabilizes and will not counter act any internal
power up requirements.
Configuration
The ORCA Series FPGA functionality is determined by
the state of internal configuration RAM. This configura-
tion RAM can be loaded in a number of different
modes. In these configuration modes, the FPGA can
act as a master or a slave of other devices in the sys-
tem. The decision as to which configuration mode to
use is a system design issue. Configuration is dis-
cussed in detail, including the configuration data format
and the configuration modes used to load the configu-
ration data in the FPGA, following a description of the
start-up state.
Start-Up
After configuration, the FPGA enters the start-up
phase. This phase is the transition between the config-
uration and operational states and begins when the
number of CCLKs received after INIT goes high is
equal to the value of the length count field in the config-
uration frame and when the end of configuration frame
has been written. The system design issue in the start-
up phase is to ensure the user I/Os become active
without inadvertently activating devices in the system
or causing bus contention. A second system design
concern is the timing of the release of global set/reset
of the PLC latches/FFs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com