Electronic Components Datasheet Search
  English  ▼

X  

OR4 Datasheet(PDF) 89 Page - Lattice Semiconductor

Part # OR4
Description  ORCASeries 4 FPGAs
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

OR4 Datasheet(HTML) 89 Page - Lattice Semiconductor

Back Button OR4 Datasheet HTML 85Page - Lattice Semiconductor OR4 Datasheet HTML 86Page - Lattice Semiconductor OR4 Datasheet HTML 87Page - Lattice Semiconductor OR4 Datasheet HTML 88Page - Lattice Semiconductor OR4 Datasheet HTML 89Page - Lattice Semiconductor OR4 Datasheet HTML 90Page - Lattice Semiconductor OR4 Datasheet HTML 91Page - Lattice Semiconductor OR4 Datasheet HTML 92Page - Lattice Semiconductor OR4 Datasheet HTML 93Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 152 page
background image
Lattice Semiconductor
89
Data Sheet
May, 2006
ORCA Series 4 FPGAs
Timing Characteristics (continued) 
Table 51. Primary CLK (PCLK) Setup/Hold Time without on-chip PLLs (Pin-to-Pin)
OR4Exx commercial: VDD15 = 1.425 V to 1.575 V, VDD33 = 3.0 V to 3.6 V, VDDIO = 3.0 V to 3.6 V, –40 °C
< TJ
< +85 °C
OR4Exx industrial: VDD15 = 1.425 V to 1.575 V, VDD33 = 3.0 V to 3.6 V, VDDIO = 3.0 V to 3.6 V, –40 °C
< TJ
< +100 °C
Notes: 
1. The pin-to-pin timing parameters in this table will match ispLEVER if the clock delay multiplier in the setup preference is set to 0.95 for setup 
time and 1.05 for hold time.
2. Timing is without the use of the phase-locked loops (PLLs) or PIO input FF cycle stealing delays (which can provide reductions in setup time 
at the expense of hold time).
3. This setup/hold time is for a fully routed clock tree that uses the primary clock network. It includes both the LVTTL (3.3 V) input clock buffer 
delay, the clock routing to the PIO CLK input, the setup/hold time of the PIO FF (with the data input delay disabled) and the LVTTL (3.3 V) 
input data buffer to PIO FF delay. The PCLK input clock is connected at the semi-dedicated primary clock input pins.
4. For timing improvements using other I/O buffer types for the input clock buffer or input data buffer, see Table 53.
5-4847(F).a
Figure 51. Input to Primary Clock Setup/Hold Time
Description
Device 
Speed
Unit
-1
-2
-3
Min
Max
Min
Max
Min
Max
Input to PCLK Setup Time, Input Data Delay
Enabled
OR4E02
OR4E04
OR4E06
4.42
4.24
4.11
—
—
—
4.41
4.26
4.14
—
—
—
4.04
3.90
3.80
—
—
—
ns
ns
ns
Input to PCLK Setup Time, No Input Data
Delay
OR4E02
OR4E04
OR4E06
0.00
0.00
0.00
—
—
—
0.00
0.00
0.00
—
—
—
0.00
0.00
0.00
—
—
—
ns
ns
ns
Input to PCLK Hold Time, Input Data Delay
Enabled
OR4E02
OR4E04
OR4E06
0.00
0.00
0.00
—
—
—
0.00
0.00
0.00
—
—
—
0.00
0.00
0.00
—
—
—
ns
ns
ns
Input to PCLK Hold Time, No Input Data
Delay
OR4E02
OR4E04
OR4E06
4.98
5.22
5.43
—
—
—
4.50
4.71
4.89
—
—
—
4.07
4.26
4.42
—
—
—
ns
ns
ns
Input Delay Adjustments from PIO Cycle
Stealing (used to reduce setup time by the
min value shown):
One Delay Cell
Two Delay Cells
Three Delay Cells
All
All
All
—
—
—
0.89
1.64
2.43
—
—
—
0.70
1.29
1.98
—
—
—
0.64
1.18
1.80
ns
ns
ns
Q
D
PCLK
INPUT
PIO FF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com