Electronic Components Datasheet Search
  English  ▼

X  

OR4 Datasheet(PDF) 47 Page - Lattice Semiconductor

Part # OR4
Description  ORCASeries 4 FPGAs
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

OR4 Datasheet(HTML) 47 Page - Lattice Semiconductor

Back Button OR4 Datasheet HTML 43Page - Lattice Semiconductor OR4 Datasheet HTML 44Page - Lattice Semiconductor OR4 Datasheet HTML 45Page - Lattice Semiconductor OR4 Datasheet HTML 46Page - Lattice Semiconductor OR4 Datasheet HTML 47Page - Lattice Semiconductor OR4 Datasheet HTML 48Page - Lattice Semiconductor OR4 Datasheet HTML 49Page - Lattice Semiconductor OR4 Datasheet HTML 50Page - Lattice Semiconductor OR4 Datasheet HTML 51Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 152 page
background image
Data Sheet
May, 2006
Lattice Semiconductor
47
ORCA Series 4 FPGAs
Special Function Blocks (continued)
5-5971(F)
Figure 30. Instruction Register Scan Timing Diagram
TCK
TMS
TDI
Single Function Blocks
Most of the special function blocks perform a specific
dedicated function. These functions are data/configura-
tion readback control, global 3-state control (TS_ALL),
internal oscillator generation, GSRN, and start-up
logic.
Readback Logic
The readback logic can be enabled via a bit stream
option or by instantiation of a library readback compo-
nent.
Readback is used to read back the configuration data
and, optionally, the state of the PFU outputs. A read-
back operation can be done while the FPGA is in nor-
mal system operation. The readback operation cannot
be daisy-chained. To use readback, the user selects
options in the bit stream generator in the ispLEVER
development system.
Table 21 provides readback options selected in the bit
stream generator tool. The table provides the number
of times that the configuration data can be read back.
This is intended primarily to give the user control over
the security of the FPGA’s configuration program. The
user can prohibit readback (0), allow a single readback
(1), or allow unrestricted readback (U).
Table 21. Readback Options
Readback can be performed via the Series 4 MPI or by
using dedicated FPGA readback controls. If the MPI is
enabled, readback via the dedicated FPGA readback
logic is disabled. Readback using the MPI is discussed
in the MPI section.
The pins used for dedicated readback are readback
data (RD_DATA), read configuration (RD_CFG), and
configuration clock (CCLK). A readback operation is
initiated by a high-to-low transition on RD_CFG. The
RD_CFG
input must remain low during the readback
operation. The readback operation can be restarted at
frame 0 by driving the RD_CFG pin high, applying at
least two rising edges of CCLK, and then driving
RD_CFG
low again. One bit of data is shifted out on
RD_DATA at the rising edge of CCLK. The first start bit
of the readback frame is transmitted out several cycles
after the first rising edge of CCLK after RD_CFG is input
low (see the readback timing characteristics table in the
timing characteristics section). To be certain of the start
of the readback frame, the data can be monitored for
the 01 frame start bit pair.
Option
Function
0
Prohibit Readback
1
Allow One Readback Only
U
Allow Unrestricted Number of Readbacks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com