Electronic Components Datasheet Search
  English  ▼

X  

OR4 Datasheet(PDF) 84 Page - Lattice Semiconductor

Part # OR4
Description  ORCASeries 4 FPGAs
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

OR4 Datasheet(HTML) 84 Page - Lattice Semiconductor

Back Button OR4 Datasheet HTML 80Page - Lattice Semiconductor OR4 Datasheet HTML 81Page - Lattice Semiconductor OR4 Datasheet HTML 82Page - Lattice Semiconductor OR4 Datasheet HTML 83Page - Lattice Semiconductor OR4 Datasheet HTML 84Page - Lattice Semiconductor OR4 Datasheet HTML 85Page - Lattice Semiconductor OR4 Datasheet HTML 86Page - Lattice Semiconductor OR4 Datasheet HTML 87Page - Lattice Semiconductor OR4 Datasheet HTML 88Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 152 page
background image
84
Lattice Semiconductor
Data Sheet
May, 2006
ORCA Series 4 FPGAs
Timing Characteristics (continued)
Table 44. PIO Output Buffer Timing Characteristics 
OR4Exx commercial: VDD15 = 1.425 V, VDD33 = 3.0 V, VDDIO = Min, TJ = +85 ˚C
OR4Exx industrial: VDD15 = 1.425 V, VDD33 = 3.0 V, VDDIO = Min, TJ = +100 ˚C
* See the Series 4 PIO Application note for output load conditions on these output buffer types.
Note: The values in the above table should be used to modify the information in Table 46 through Table 48, which are all based on OLVTTL_F12 
outputs.
Parameter
Symbol
Speed
Unit
Output
Load
(pF)
-1
-2
-3
Min
Max
Min Max Min
Max
Output Delays
Output Delay Adjustments from OLVTTL_F12:
LVTTL_S6 (Slew Limited, 6 mA)
OUT_LVTTL_S6
—
2.01
—
1.72
—
1.56
ns
30 pF
LVTTL_S12 (Slew Limited, 12 mA)
OUT_LVTTL_S12
—
1.25
—
1.06
—
0.97
ns
30 pF
LVTTL_S24 (Slew Limited, 24 mA)
OUT_LVTTL_S24
—
0.76
—
0.60
—
0.55
ns
30 pF
LVTTL_F6 (Fast, 6 mA)
OUT_LVTTL_F6
—
0.72
—
0.68
—
0.61
ns
30 pF
LVTTL_F24 (Fast, 24 mA)
OUT_LVTTL_F24
—
–0.35
—
–0.32
—
–0.29
ns
30 pF
LVCMOS18_S6 (Slew Limited, 6 mA)
OUT_CMOS18_S6
—
6.91
—
5.36
—
4.87
ns
30 pF
LVCMOS18_S12 (Slew Limited, 12 mA)
OUT_CMOS18_S12
—
6.23
—
3.90
—
3.55
ns
30 pF
LVCMOS18_S24 (Slew Limited, 24 mA)
OUT_CMOS18_S24
—
4.50
—
3.29
—
2.99
ns
30 pF
LVCMOS18_F6 (Fast, 6 mA)
OUT_CMOS18_F6
—
4.75
—
3.83
—
3.48
ns
30 pF
LVCMOS18_F12 (Fast, 12 mA)
OUT_CMOS18_F12
—
2.38
—
1.86
—
1.69
ns
30 pF
LVCMOS18_F24 (Fast, 24 mA)
OUT_CMOS18_F24
—
1.23
—
0.90
—
0.82
ns
30 pF
LVCMOS2_S6 (Slew Limited, 6 mA)
OUT_CMOS18_S6
—
3.26
—
2.66
—
2.42
ns
30 pF
LVCMOS2_S12 (Slew Limited, 12 mA)
OUT_CMOS18_S12
—
2.09
—
1.69
—
1.54
ns
30 pF
LVCMOS2_S24(Slew Limited, 24 mA)
OUT_CMOS18_S24
—
1.58
—
1.23
—
1.12
ns
30 pF
LVCMOS2_F6 (Fast, 6 mA)
OUT_CMOS18_F6
—
1.80
—
1.59
—
1.44
ns
30 pF
LVCMOS2_F12 (Fast, 12 mA)
OUT_CMOS18_F12
—
0.61
—
0.50
—
0.45
ns
30 pF
LVCMOS2_F24 (Fast, 24 mA)
OUT_CMOS18_F24
—
0.03
—
–0.03
—
–0.03
ns
30 pF
LVDS
OUT_LVDS
—
0.07
—
0.00
—
0.00
ns
*
LVDSE
OUT_LVDSE
—
-0.09
—
0.02
—
0.02
ns
*
LVPECL
OUT_LVPECL
—
–0.57
—
–0.55
—
–0.50
ns
*
PCI_33 (3.3V)
OUT_PCI_33
—
4.84
—
3.42
—
3.11
ns
10 pF
PCI_66 (3.3V)
OUT_PCI_66
—
4.84
—
3.42
—
3.11
ns
10 pF
GTL
OUT_GTL
—
3.22
—
2.45
—
2.23
ns
*
GTLP (GTL+)
OUT_GTLP
—
3.60
—
2.76
—
2.51
ns
*
HSTL_I
OUT_HSTL_I
—
1.89
—
1.30
—
1.18
ns
20 pF
HSTL_II
OUT_HSTL_II
—
1.89
—
1.30
—
1.18
ns
20 pF
HSTL_III
OUT_HSTL_III
—
2.78
—
1.78
—
1.62
ns
20 pF
HSTL_IV
OUT_HSTL_IV
—
2.78
—
1.78
—
1.62
ns
20 pF
SSTL2_I
OUT_SSTL2_I
—
–0.15
—
–0.18
—
–0.16
ns
30 pF
SSTL2_II
OUT_SSTL2_II
—
–0.15
—
–0.18
—
–0.16
ns
30 pF
SSTL3_I
OUT_SSTL3_I
—
–0.50
—
–0.41
—
–0.37
ns
30 pF
SSTL3_II
OUT_SSTL3_II
—
–0.50
—
–0.41
—
–0.37
ns
30 pF
PECL
OUT_PECL
—
0.12
—
0.16
—
0.15
ns
25 pF
Output Delay Adjustments from Cycle Stealing (typically used to adjust setup vs. clk->out):
One Delay Cell
OCYCDEL1
0.89
—
0.70
—
0.64
—
ns
—
Two Delay Cells
OCYCDEL2
1.64
—
1.29
—
1.18
—
ns
—
Three Delay Cells
OCYCDEL3
2.43
—
1.98
—
1.80
—
ns
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com