Electronic Components Datasheet Search
  English  ▼

X  

OR4 Datasheet(PDF) 40 Page - Lattice Semiconductor

Part # OR4
Description  ORCASeries 4 FPGAs
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

OR4 Datasheet(HTML) 40 Page - Lattice Semiconductor

Back Button OR4 Datasheet HTML 36Page - Lattice Semiconductor OR4 Datasheet HTML 37Page - Lattice Semiconductor OR4 Datasheet HTML 38Page - Lattice Semiconductor OR4 Datasheet HTML 39Page - Lattice Semiconductor OR4 Datasheet HTML 40Page - Lattice Semiconductor OR4 Datasheet HTML 41Page - Lattice Semiconductor OR4 Datasheet HTML 42Page - Lattice Semiconductor OR4 Datasheet HTML 43Page - Lattice Semiconductor OR4 Datasheet HTML 44Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 152 page
background image
40
40
Lattice Semiconductor
Data Sheet
May, 2006
ORCA Series 4 FPGAs
Special Function Blocks (continued)
Start-Up Logic
The start-up logic block can be configured to coordi-
nate the relative timing of the release of GSRN, the
activation of all user I/Os, and the assertion of the
DONE signal at the end of configuration. If a start-up
clock is used to time these events, the start-up clock
can come from CCLK, or it can be routed into the start-
up block using upper-left corner routing resources.
Temperature Sensing
The built –in temperature sensing diodes allow junction
temperature to be measured during device operation. A
physical pin (PTEMP) is dedicated for monitoring
device junction temperature. PTEMP works by forcing
a 10 μA current in the forward direction, and then mea-
suring the resulting voltage. A 250 kΩ resistor tied to
3.3 V will approximate the needed 10 μA. The voltage
decreases with increasing temperature at a rate of
approximately –1.44 mV/°C. A typical device with an
85°C device temperature will measure about 640 mV.
Boundary-Scan
The IEEE standards 1149.1 and 1149.2 (IEEE Stan-
dard test access port and boundary-scan architecture)
are implemented in the ORCA series of FPGAs. It
allows users to efficiently test the interconnection
between integrated circuits on a PCB as well as test
the integrated circuit itself. The IEEE 1149 standard is
a well-defined protocol that ensures interoperability
among boundary-scan (BSCAN) equipped devices
from different vendors.
Series 4 FPGAs are also compliant to IEEE standard
1532/D1. This standard for boundary-scan based in-
system configuration of programmable devices pro-
vides a standardized programming access and meth-
odology for FPGAs. A device, or set of devices,
implementing this standard may be programmed, read
back, erased verified, singly or concurrently, with a
standard set of resources.
The IEEE 1149 standards define a test access port
(TAP) that consists of a four-pin interface with an
optional reset pin for boundary-scan testing of inte-
grated circuits in a system. The ORCA Series FPGA
provides four interface pins: test data in (TDI), test
mode select (TMS), test clock (TCK), and test data out
(TDO). The PRGM pin used to reconfigure the device
also resets the boundary-scan logic.
The user test host serially loads test commands and
test data into the FPGA through these pins to drive out-
puts and examine inputs. In the configuration shown in
Figure 26, where boundary-scan is used to test ICs,
test data is transmitted serially into TDI of the first
BSCAN device (U1), through TDO/TDI connections
between BSCAN devices (U2 and U3), and out TDO of
the last BSCAN device (U4). In this configuration, the
TMS and TCK signals are routed to all boundary-scan
ICs in parallel so that all boundary-scan components
operate in the same state. In other configurations, mul-
tiple scan paths are used instead of a single ring. When
multiple scan paths are used, each ring is indepen-
dently controlled by its own TMS and TCK signals.
Figure 26 provides a system interface for components
used in the boundary-scan testing of PCBs. The three
major components shown are the test host, boundary-
scan support circuit, and the devices under test
(DUTs). The DUTs shown here are ORCA Series
FPGAs with dedicated boundary-scan circuitry. The
test host is normally one of the following: automatic test
equipment (ATE), a workstation, a PC, or a micropro-
cessor.
5-5972(F)
Key:BSC = boundary-scan cell, BDC = bidirectional data cell, and
DCC = data control cell.
Figure 25. Printed-Circuit Board with
Boundary-Scan Circuitry
INSTRUCTION
TDO
REGISTER
BYPASS
REGISTER
TCK TMS TDI
SCAN
OUT
SCAN
IN
SCAN
OUT
SCAN
IN
SCAN
IN
SCAN
OUT
BSC
BDC
DCC
SCAN
OUT
SCAN
IN
TAPC
p_in
p_in
p_out
p_in
p_ts
p_out
p_ts
p_in
p_out
p_ts
p_out
p_ts
PL[ij]
PT[ij]
PR[ij]
PB[ij]
BDC
DCC
PLC
ARRAY
BDC
DCC
BDC
DCC
BSC
BSC
BSC
SEE ENLARGED VEIW BELOW
TMS TDI
TCK
TDO
TMS TDI
TCK
TDO
TMS TDI
TCK
TDO
TMS TDI
TCK
TDO
U1
U2
U3
U4
TDI
TCK
TDO
TMS
net a
net b
net c
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com