Electronic Components Datasheet Search
  English  ▼

X  

OR4 Datasheet(PDF) 75 Page - Lattice Semiconductor

Part # OR4
Description  ORCASeries 4 FPGAs
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

OR4 Datasheet(HTML) 75 Page - Lattice Semiconductor

Back Button OR4 Datasheet HTML 71Page - Lattice Semiconductor OR4 Datasheet HTML 72Page - Lattice Semiconductor OR4 Datasheet HTML 73Page - Lattice Semiconductor OR4 Datasheet HTML 74Page - Lattice Semiconductor OR4 Datasheet HTML 75Page - Lattice Semiconductor OR4 Datasheet HTML 76Page - Lattice Semiconductor OR4 Datasheet HTML 77Page - Lattice Semiconductor OR4 Datasheet HTML 78Page - Lattice Semiconductor OR4 Datasheet HTML 79Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 152 page
background image
Lattice Semiconductor
75
Data Sheet
May, 2006
ORCA Series 4 FPGAs
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are abso-
lute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess 
of those given in the operations sections of this data sheet. Exposure to absolute maximum ratings for extended 
periods can adversely affect device reliability.
The ORCA Series FPGAs include circuitry designed to protect the chips from damaging substrate injection currents 
and to prevent accumulations of static charge. Nevertheless, conventional precautions should be observed during 
storage, handling, and use to avoid exposure to excessive electrical stress.
Table 34. Absolute Maximum Ratings
Note: Overshoot and undershoot of -2V to (VIHMAX +2) volts is permitted for a duration of <20ns.
Recommended Operating Conditions
Table 35. Recommended Operating Conditions
Note:
1. The maximum recommended junction temperature (TJ) during operation is 125 °C. 
2. Timing parameters in this data sheet an ispLEVER are characterized under higher voltage and temperature conditions than the recom-
mended operating conditions in this table.
3. The internal PLLs operate from the VDD33 power supply. This power supply should be well isolated from all other power supplies on the board 
for proper operation.
Parameter
Symbol
Min
Max
Unit
Storage Temperature
Tstg
–65
150
°C
Power Supply Voltage with Respect to Ground
VDD33
–0.3
4.2
V
VDDIO
–0.3
4.2
V
VDD15
–0.3
2.0
V
Input Signal with Respect to Ground
VIN
– 0.3
VDDIO + 0.3
V
Signal Applied to High-impedance Output
—
– 0.3
VDDIO + 0.3
V
Maximum Package Body (Soldering) Temperature
—
—
220
°C
Parameter
Symbol
Min
Max
Unit
Power Supply Voltage with Respect to Ground
VDD33
3.0
3.6
V
VDDIO
1.4
3.6
V
VDD15
1.425
1.575
V
Input Signal with Respect to Ground
VIN
– 0.3
VDDIO + 0.3
V
Junction Temperature
TJ
–40
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com