Electronic Components Datasheet Search
  English  ▼

X  

OR4 Datasheet(PDF) 93 Page - Lattice Semiconductor

Part # OR4
Description  ORCASeries 4 FPGAs
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

OR4 Datasheet(HTML) 93 Page - Lattice Semiconductor

Back Button OR4 Datasheet HTML 89Page - Lattice Semiconductor OR4 Datasheet HTML 90Page - Lattice Semiconductor OR4 Datasheet HTML 91Page - Lattice Semiconductor OR4 Datasheet HTML 92Page - Lattice Semiconductor OR4 Datasheet HTML 93Page - Lattice Semiconductor OR4 Datasheet HTML 94Page - Lattice Semiconductor OR4 Datasheet HTML 95Page - Lattice Semiconductor OR4 Datasheet HTML 96Page - Lattice Semiconductor OR4 Datasheet HTML 97Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 152 page
background image
Lattice Semiconductor
93
Data Sheet
May, 2006
ORCA Series 4 FPGAs
Timing Characteristics (continued)
Table 58. General Configuration Mode Timing Characteristics
(continued)
OR4Exx commercial/industrial: VDD15 = 1.4 V to 1.6 V, VDD33 = 3.0 V to 3.6 V, VDDIO = 3.0 V to 3.6 V, –40 °C < TJ
< +125 ° C;CL = 30 pF.
Note: TPO is triggered when VDD33 reaches between 2.7 V and 3.0 V.
Parameter
Symbol
Min
Max
Unit
Slave Parallel Mode
Power-on Reset Delay
CCLK Period:
Configuration Latency (normal mode):
OR4E02
OR4E04
OR4E06
TPO
TCCLK
TCL
3.90
10.00
1.5
3.9
5.9
13.10
—
—
—
—
ms
ns
ms
ms
ms
Partial Reconfiguration (per data frame):
OR4E02
OR4E04
OR4E06
TPR
1.1
1.6
1.9
—
—
—
μs
μs
μs
INIT Timing
INIT High to CCLK Delay:
Slave Parallel
Slave Serial
Master Serial
Master Parallel
TINIT_CCLK
0.50
0.50
0.50
0.50
1.60
1.60
1.60
1.60
μs
μs
μs
μs
Initialization Latency (PRGM high to INIT high):
OR4E02
OR4E04
OR4E06
TIL
0.43
0.58
0.74
1.44
1.95
2.46
ms
ms
ms
INIT High to WR, Asynchronous Peripheral
TINIT_WR
2.00
—
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com