Electronic Components Datasheet Search
  English  ▼

X  

OR4 Datasheet(PDF) 88 Page - Lattice Semiconductor

Part # OR4
Description  ORCASeries 4 FPGAs
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

OR4 Datasheet(HTML) 88 Page - Lattice Semiconductor

Back Button OR4 Datasheet HTML 84Page - Lattice Semiconductor OR4 Datasheet HTML 85Page - Lattice Semiconductor OR4 Datasheet HTML 86Page - Lattice Semiconductor OR4 Datasheet HTML 87Page - Lattice Semiconductor OR4 Datasheet HTML 88Page - Lattice Semiconductor OR4 Datasheet HTML 89Page - Lattice Semiconductor OR4 Datasheet HTML 90Page - Lattice Semiconductor OR4 Datasheet HTML 91Page - Lattice Semiconductor OR4 Datasheet HTML 92Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 152 page
background image
88
Lattice Semiconductor
Data Sheet
May, 2006
ORCA Series 4 FPGAs
Timing Characteristics (continued) 
Table 50. Edge CLK (ECLK) Setup/Hold Time without on-chip PLLs (Pin-to-Pin)
OR4Exx commercial: VDD15 = 1.425 V to 1.575 V, VDD33 = 3.0 V to 3.6 V, VDDIO = 3.0 V to 3.6 V, –40 °C
< TJ
< +85 °C
OR4Exx industrial: VDD15 = 1.425 V to 1.575 V, VDD33 = 3.0 V to 3.6 V, VDDIO = 3.0 V to 3.6 V, –40 °C
< TJ
< +100 °C
Notes:
1. The pin-to-pin timing parameters in this table will match ispLEVER if the clock delay multiplier in the setup preference is set to 0.95 for setup 
time and 1.05 for hold time.
2. Timing is without the use of the phase-locked loops (PLLs) or PIO input FF cycle stealing delays (which can provide reductions in setup time 
at the expense of hold time).
3. This setup/hold time is for a fully routed clock tree that uses the Edge Clock network. It includes both the LVTTL (3.3 V) input clock buffer 
delay, the clock routing to the PIO CLK input, the setup/hold time of the PIO FF (with the data input delay disabled) and the LVTTL (3.3 V) 
input data buffer to PIO FF delay. Edge clocks can only be connected to one pin or pin-pair per PIC, those ending in the letter C for singled-
ended and those ending in C and D for differential inputs. See the pinout section for more details.
4. For timing improvements using other I/O buffer types for the input clock buffer or input data buffer, see Table 53.
5. The ORT8850H FPSC has slightly reduced performance from the values in this table. ispLEVER will report the actual delay values for all 
devices, including the ORT8850H in this arrangement.
 
5-4847(F).b
Figure 50. Input to Edge CLK Setup/Hold Time
Description
Device 
Speed
Unit
-1
-2
-3
Min
Max
Min
Max
Min
Max
Input to ECLK Setup Time (Input within 6
PICs of ECLK input), Fast Capture Enabled
All
1.13
—
1.17
—
1.08
—
ns
Input to ECLK Setup Time (Input within 6
PICs of ECLK input), Fast Input Enabled
All
0.00
—
0.00
—
0.00
—
ns
Reduced Setup Time per each extra 6 PICs
per clock route direction.
All
0.36
—
0.38
—
0.34
—
ns
Input to ECLK Hold Time (Input within 6 PICs
of ECLK input), Fast Capture Enabled
All
0.00
—
0.00
—
0.00
—
ns
Input to ECLK Hold Time (Input within 6 PICs
of ECLK input), Fast Input Enabled
All
1.68
—
1.65
—
1.40
—
ns
Additional Hold Time per each extra 6 PICs
per clock route direction.
All
0.36
—
0.38
—
0.34
—
ns
Input Delay Adjustments from PIO Cycle
Stealing (typically used to reduce setup time
by the min value shown):
One Delay Cell
Two Delay Cells
Three Delay Cells
All
All
All
—
—
—
0.89
1.64
2.43
—
—
—
0.70
1.29
1.98
—
—
—
0.64
1.18
1.80
ns
ns
ns
Q
D
ECLK
INPUT
PIO FF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com