Electronic Components Datasheet Search
  English  ▼

X  

OR4 Datasheet(PDF) 96 Page - Lattice Semiconductor

Part # OR4
Description  ORCASeries 4 FPGAs
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

OR4 Datasheet(HTML) 96 Page - Lattice Semiconductor

Back Button OR4 Datasheet HTML 92Page - Lattice Semiconductor OR4 Datasheet HTML 93Page - Lattice Semiconductor OR4 Datasheet HTML 94Page - Lattice Semiconductor OR4 Datasheet HTML 95Page - Lattice Semiconductor OR4 Datasheet HTML 96Page - Lattice Semiconductor OR4 Datasheet HTML 97Page - Lattice Semiconductor OR4 Datasheet HTML 98Page - Lattice Semiconductor OR4 Datasheet HTML 99Page - Lattice Semiconductor OR4 Datasheet HTML 100Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 152 page
background image
96
Lattice Semiconductor
Data Sheet
May, 2006
ORCA Series 4 FPGAs
Timing Characteristics (continued) 
Table 60. Master Parallel Configuration Mode Timing Characteristics
OR4Exx commercial/industrial: VDD15 = 1.4 V to 1.6 V, VDD33 = 3.0 V to 3.6 V, VDDIO = 3.0 V to 3.6 V, –40 °C < TJ < 
+125 °C; CL =  30 pF. 
Note:
The RCLK period consists of seven CCLKs for RCLK low and one CCLK for RCLK high.
Serial data is transmitted out on DOUT two CCLK cycles after the byte is input on D[7:0].
 
2706(F)
Figure 55. Master Parallel Configuration Mode Timing Diagram
Parameter
Symbol
Min
Max
Unit
RCLK to Address Valid
TAV
—
10.00
ns
D[7:0] Setup Time to RCLK High
TS
10.00
—
ns
D[7:0] Hold Time to RCLK High
TH
0.00
—
ns
RCLK Low Time
TCL
7.00
7.00
CCLK cycles
RCLK High Time
TCH
1.00
1.00
CCLK cycles
CCLK to DOUT
TD
—
5.00
ns
A[21:0]
RCLK
D[7:0]
TCL
TCH
TAV
CCLK
DOUT
TH
TS
BYTE N
BYTE N + 1
D0
D1
D2
D3
D4
D5
D6
D7
TD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com