Electronic Components Datasheet Search
  English  ▼

X  

OR4 Datasheet(PDF) 54 Page - Lattice Semiconductor

Part # OR4
Description  ORCASeries 4 FPGAs
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

OR4 Datasheet(HTML) 54 Page - Lattice Semiconductor

Back Button OR4 Datasheet HTML 50Page - Lattice Semiconductor OR4 Datasheet HTML 51Page - Lattice Semiconductor OR4 Datasheet HTML 52Page - Lattice Semiconductor OR4 Datasheet HTML 53Page - Lattice Semiconductor OR4 Datasheet HTML 54Page - Lattice Semiconductor OR4 Datasheet HTML 55Page - Lattice Semiconductor OR4 Datasheet HTML 56Page - Lattice Semiconductor OR4 Datasheet HTML 57Page - Lattice Semiconductor OR4 Datasheet HTML 58Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 152 page
background image
54
Lattice Semiconductor
Data Sheet
May, 2006
ORCA Series 4 FPGAs
Phase-Locked Loops (continued)
Table 28
. DS-1/E-1 PLL1 Specifications
A dedicated pin PLL_VF is needed for externally connecting a low pass filter circuit.
This provides the specified DS–1/E–1 PLL operating condition.
0203(F).
Figure 31. PLL_VF External Requirements
Parameter
Min
Nom
Max
Unit
VDD15
1.425
1.5
1.575
V
VDD33
3.0
3.3
3.6
V
Operating Temp
–40
—
125
C
Input Clock Frequency
1.0
—
2.5
MHz
Output Clock Frequency
1.0
—
2.5
MHz
Input Duty Cycle
30
—
70
%
Output Duty Cycle
47
50
53
%
Lock Time
—
<1200
—
μs
PLL_VF
C1
C2
R1
R1 = 6 kΩ ± 1%
C1 = 100 pF ± 5%
C2 = 0.01 μF ± 5%
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com