Electronic Components Datasheet Search
  English  ▼

X  

OR4 Datasheet(PDF) 100 Page - Lattice Semiconductor

Part # OR4
Description  ORCASeries 4 FPGAs
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

OR4 Datasheet(HTML) 100 Page - Lattice Semiconductor

Back Button OR4 Datasheet HTML 96Page - Lattice Semiconductor OR4 Datasheet HTML 97Page - Lattice Semiconductor OR4 Datasheet HTML 98Page - Lattice Semiconductor OR4 Datasheet HTML 99Page - Lattice Semiconductor OR4 Datasheet HTML 100Page - Lattice Semiconductor OR4 Datasheet HTML 101Page - Lattice Semiconductor OR4 Datasheet HTML 102Page - Lattice Semiconductor OR4 Datasheet HTML 103Page - Lattice Semiconductor OR4 Datasheet HTML 104Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 152 page
background image
100
Lattice Semiconductor
Data Sheet
May, 2006
ORCA Series 4 FPGAs
Timing Characteristics (continued)
Readback Timing 
Table 64. Readback Timing Characteristics
OR4Exx commercial/industrial: VDD15 = 1.4 V to 1.6 V, VDD33 = 3.0 V to 3.6 V, VDDIO = 3.0 V to 3.6 V, –40 °C < TJ 
< +125 °C; CL =  30 pF.
5-4536(F)
Figure 59. Readback Timing Diagram
Parameter
Symbol
Min
Max
Unit
RD_CFG
 to CCLK Setup Time
TS
5.00
—
ns
RD_CFG
 High Width to Abort Readback
TRBA
2
—
CCLK cycles
CCLK Low Time
TCL
5.00
—
ns
CCLK High Time
TCH
5.00
—
ns
CCLK Frequency
FC
—
100.00
MHz
CCLK to RD_DATA Delay
TD
—
5.00
ns
TD
TCH
CCLK
RD_DATA
TS
TCL
RD_CFG
BIT 0
BIT 1
BIT 0
TRBA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com