Electronic Components Datasheet Search
  English  ▼

X  

OR4 Datasheet(PDF) 101 Page - Lattice Semiconductor

Part # OR4
Description  ORCASeries 4 FPGAs
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

OR4 Datasheet(HTML) 101 Page - Lattice Semiconductor

Back Button OR4 Datasheet HTML 97Page - Lattice Semiconductor OR4 Datasheet HTML 98Page - Lattice Semiconductor OR4 Datasheet HTML 99Page - Lattice Semiconductor OR4 Datasheet HTML 100Page - Lattice Semiconductor OR4 Datasheet HTML 101Page - Lattice Semiconductor OR4 Datasheet HTML 102Page - Lattice Semiconductor OR4 Datasheet HTML 103Page - Lattice Semiconductor OR4 Datasheet HTML 104Page - Lattice Semiconductor OR4 Datasheet HTML 105Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 152 page
background image
Lattice Semiconductor
101
Data Sheet
May, 2006
ORCA Series 4 FPGAs
Pin Information
Pin Descriptions
This section describes the pins found on the Series 4 FPGAs. Any pin not described in this table is a user-program-
mable I/O. During configuration, the user-programmable I/Os are 3-stated with an internal pull-up resistor enabled.
If any pin is not used (or not bonded to a package pin), it is also 3-stated with an internal pull-up resistor enabled
after configuration. The pin descriptions in Table 65 and throughout this data sheet show active-low signals with an
overscore. The package pinout tables that follow, show this as a signal ending with _N, for LDC and LDC_N are
equivalent.
Table 65. Pin Descriptions
Symbol
I/O
Description
Dedicated Pins
VDD33
— 3.3 V positive power supply. This power supply is used for 3.3 V configuration RAMs and
internal PLLs. When using PLLs, this power supply should be well isolated from all other
power supplies on the board for proper operation.
VDD15
— 1.5 V positive power supply for internal logic.
VDDIO
— Positive power supply used by I/O banks.
VSS
— Ground.
PTEMP
I
Temperature sensing diode pin. Dedicated input.
RESET
I
During configuration, RESET forces the restart of configuration and a pull-up is enabled.
After configuration, RESET can be used as a general FPGA input or as a direct input,
which causes all PLC latches/FFs to be asynchronously set/reset.
CCLK
O In the master and asynchronous peripheral modes, CCLK is an output which strobes con-
figuration data in.
I
In the slave or readback after configuration, CCLK is input synchronous with the data on
DIN or D[7:0]. CCLK is an output for daisy-chain operation when the lead device is in
master, peripheral, or system bus modes.
DONE
I
As an input, a low level on DONE delays FPGA start-up after configuration.*
O As an active-high, open-drain output, a high level on this signal indicates that configura-
tion is complete. DONE has an optional pull-up resistor.
PRGM
I
PRGM
is an active-low input that forces the restart of configuration and resets the bound-
ary-scan circuitry. This pin always has an active pull-up.
RD_CFG
I
This pin must be held high during device initialization until the INIT pin goes high. This pin
always has an active pull-up.
During configuration, RD_CFG is an active-low input that activates the TS_ALL function
and 3-states all of the I/O.
After configuration, RD_CFG can be selected (via a bit stream option) to activate the
TS_ALL function as described above, or, if readback is enabled via a bit stream option, a
high-to-low transition on RD_CFG will initiate readback of the configuration data, including
PFU output states, starting with frame address 0.
RD_DATA/TDO
O RD_DATA/TDO is a dual-function pin. If used for readback, RD_DATA provides configura-
tion data out. If used in boundary-scan, TDO is test data out.
CFG_IRQ/MPI_IRQ
O During JTAG, slave, master, and asynchronous peripheral configuration assertion on this
CFG_IRQ
(active-low) indicates an error or errors for block RAM or FPSC initialization. MPI
active-low interrupt request output, when the MPI is used.
* The FPGA States of Operation section contains more information on how to control these signals during start-up. The timing of DONE release
is controlled by one set of bit stream options, and the timing of the simultaneous release of all other configuration pins (and the activation of all
user I/Os) is controlled by a second set of options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com