Electronic Components Datasheet Search
  English  ▼

X  

OR4 Datasheet(PDF) 105 Page - Lattice Semiconductor

Part # OR4
Description  ORCASeries 4 FPGAs
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

OR4 Datasheet(HTML) 105 Page - Lattice Semiconductor

Back Button OR4 Datasheet HTML 101Page - Lattice Semiconductor OR4 Datasheet HTML 102Page - Lattice Semiconductor OR4 Datasheet HTML 103Page - Lattice Semiconductor OR4 Datasheet HTML 104Page - Lattice Semiconductor OR4 Datasheet HTML 105Page - Lattice Semiconductor OR4 Datasheet HTML 106Page - Lattice Semiconductor OR4 Datasheet HTML 107Page - Lattice Semiconductor OR4 Datasheet HTML 108Page - Lattice Semiconductor OR4 Datasheet HTML 109Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 152 page
background image
Lattice Semiconductor
105
Data Sheet
May, 2006
ORCA Series 4 FPGAs
Pin Information (continued)
Package Compatibility
Table 66 provides the number of user I/Os available for the ORCA Series 4 FPGAs for each available package.
Each package has six dedicated configuration pins.
Table 67 thru Table 69 provide the package pin and pin function for the Series 4 FPGAs and packages. The bond 
pad name is identified in the PIO nomeclature used in the ispLEVER design editor. The Bank column provides 
information as to which output voltage level bank the given pin is in. The Group column provides information as to 
the group of pins the given pin is in. This is used to show which VREF pin is used to provide the reference voltage 
for single-ended limited-swing I/Os. If none of these buffer types (such as SSTL, GTL, HSTL) are used in a given 
group, then the VREF pin is available as an I/O pin.
When the number of FPGA bond pads exceeds the number of package pins, bond pads are unused. When the 
number of package pins exceeds the number of bond pads, package pins are left unconnected (no connects). 
When a package pin is to be left as a no connect for a specific die, it is indicated as a note in the device column for 
the FPGA. The tables provide no information on unused pads.
In order to allow pin-for-pin compatible board layouts that can accommodate both devices, some key compatibility 
issues include the following.:
■
Shared Control Signals on I/O Registers. The ORCA Series 4 architecture shares clock and control signals 
between two adjacent I/O pads. If I/O registers are used, incompatibilities may arise between devices when dif-
ferent clock or control signals are needed on adjacent package pins. This is because one device may allow inde-
pendent clock or control signals on these adjacent pins, while the other may force them to be the same. There 
are two ways to avoid this issue.
— Always keep an open bonded pin (non-bonded pins do not count) between pins that require different clock or 
control signals. Note that this open pin can be used to connect signals that do not require the use of I/O regis-
ters to meet timing.
— Place and route the design in all target devices to verify they produce valid designs. Note that this method 
guarantees the current design, but does not necessarily guard against issues that can occur when design 
changes are made that affect I/O registers.
— 2X/4X I/O Shift Registers. If 2X I/O shift registers or 4X I/O shift registers are used in the design, this may 
cause incompatibilities between the devices because only the A and C I/Os in a PIC support 2X I/O shift regis-
ters and only A I/Os supports 4X I/O shift register mode. A and C I/Os are shown in the following pinout tables 
under the I/O pad columns as those ending in A or C.
■ Edge Clock Input Pins.
The input buffers for fast edge clocks are only available at the C I/O pad. The C I/Os are
shown in the following pinout tables under the I/O pad columns as those ending in C.
■ 680 PBGAM Differential I/O Pairs.
Note that the OR4E02 device in the 680 PBGAM package has two less dif-
ferential I/O pairs available than the OR4E04 or OR4E06, even though the total number of user I/Os are the same
for all three devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com