Electronic Components Datasheet Search
  English  ▼

X  

OR4 Datasheet(PDF) 106 Page - Lattice Semiconductor

Part # OR4
Description  ORCASeries 4 FPGAs
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

OR4 Datasheet(HTML) 106 Page - Lattice Semiconductor

Back Button OR4 Datasheet HTML 102Page - Lattice Semiconductor OR4 Datasheet HTML 103Page - Lattice Semiconductor OR4 Datasheet HTML 104Page - Lattice Semiconductor OR4 Datasheet HTML 105Page - Lattice Semiconductor OR4 Datasheet HTML 106Page - Lattice Semiconductor OR4 Datasheet HTML 107Page - Lattice Semiconductor OR4 Datasheet HTML 108Page - Lattice Semiconductor OR4 Datasheet HTML 109Page - Lattice Semiconductor OR4 Datasheet HTML 110Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 152 page
background image
106
Lattice Semiconductor
Data Sheet
May, 2006
ORCA Series 4 FPGAs
Pin Information (continued)
Table 66. ORCA Series 4 I/Os Summary
Note: Each VREF pin required reduces the available user I/Os.
As shown in the Pair column, differential pairs and physical locations are numbered within each bank (e.g.,
L19C_A0 is the nineteenth pair in an associated bank). The C indicates complementary differential whereas a T
indicates true differential. The _A0 indicates the physical location of adjacent balls in either the horizontal or vertical
direction. Other physical indicators are as follows:
■
_A1 indicates one ball between pairs.
■
_A2 indicates two balls between pairs.
■
_D0 indicates balls are diagonally adjacent.
■
_D1 indicates diagonally adjacent separated by one physical ball.
VREF pins, shown in the Additional Function column, are associated to the bank and group (e.g., VREF_TL_01 is
the VREF for group one of the top left (TL) bank).
Device
352 PBGA
416 PBGAM
680 PBGAM
OR4E02/OR4E04/OR4E06
User I/O Single Ended
262
290
466 (4E4, 4E6)
405 (4E2)
User I/O Differential Pairs (LVDS,
LVPECL)
128
139
197 (4E4, 4E6)
195 (4E2)
Configuration
7
7
7
Dedicated Function
3
3
3
VDD15
16
28
48
VDD33
8
8
8
VDDIO
24
32
60
VSS
68
48
88
Single-ended/Differential I/O per Bank
Bank 0
39/19
46/22
68/32
Bank 1
26/13
28/14
47/20
Bank 2
32/16
35/17
54/24 (23 for 4E2)
Bank 3
33/16
37/18
63/22 (21 for 4E2)
Bank 4
34/16
38/17
52/22
Bank 5
24/12
24/12
44/18
Bank 6
40/19
45/21
76/32
Bank 7
34/17
37/18
62/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com