Electronic Components Datasheet Search
  English  ▼

X  

OR4 Datasheet(PDF) 36 Page - Lattice Semiconductor

Part # OR4
Description  ORCASeries 4 FPGAs
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

OR4 Datasheet(HTML) 36 Page - Lattice Semiconductor

Back Button OR4 Datasheet HTML 32Page - Lattice Semiconductor OR4 Datasheet HTML 33Page - Lattice Semiconductor OR4 Datasheet HTML 34Page - Lattice Semiconductor OR4 Datasheet HTML 35Page - Lattice Semiconductor OR4 Datasheet HTML 36Page - Lattice Semiconductor OR4 Datasheet HTML 37Page - Lattice Semiconductor OR4 Datasheet HTML 38Page - Lattice Semiconductor OR4 Datasheet HTML 39Page - Lattice Semiconductor OR4 Datasheet HTML 40Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 152 page
background image
36
36
Lattice Semiconductor
Data Sheet
May, 2006
ORCA Series 4 FPGAs
Programmable Input/Output Cells
(continued)
Outputs
The PIO’s output drivers have programmable drive
capability and slew rates. Two propagation delays (fast,
slewlim) are available on output drivers. There are
three combinations of programmable drive currents
(24 mA sink/12 mA source, 12 mA sink/6 mA source,
and 6 mA sink/3 mA source). At powerup, the output
drivers are in slewlim mode with 12mA sink/6 mA
source. If an output is not to be driven in the selected
configuration mode, it is 3-stated with a pullup resistor.
The output buffer signal can be inverted, and the
3-state control signal can be made active-high, active-
low, or always enabled. In addition, this 3-state signal
can be registered or nonregistered. Additionally, there
is a fast, open-drain output option that directly connects
the output signal to the 3-state control, allowing the out-
put buffer to either drive to a logic 0 or 3-state, but
never to drive to a logic 1.
Every PIO output can perform output data multiplexing
with no PLC resources required. This type of scheme is
necessary for DDR applications which require data
clocking out of the I/O on both edges of the clock. In
this scheme the OUTFF and OUTSH are registered
and sent out on both the positive and negative edges of
the clock using an output multiplexor. This multiplexor
is controlled by either the edge clock or system clock.
This multiplexor can also be configured to select
between one registered output from OUTFF and one
nonregistered output from OUTDD.
The PIC logic block can also generate logic functions
based on the signals on the OUTDD and CLK ports of
the PIO. The functions are AND, NAND, OR, NOR,
XOR, and XNOR. Table 15 is provided as a summary
of the PIO logic options.
Table 15.
PIO Logic Options
PIO Register Control Signals
The PIO latches/FFs have various clock, clock enable
(CE), local set/reset (LSR), and GSRN controls. Table
16 provides a summary of these control signals and
their effect on the PIO latches/FFs. Note that all control
signals are optionally invertible.
Table 16. PIO Register Control Signals
 Option
Description
AND
Output logical AND of signals on OUTDD 
and clock.
NAND
Output logical NAND of signals on OUTDD 
and clock.
OR
Output logical OR of signals on OUTDD 
and clock.
NOR
Output logical NOR of signals on OUTDD 
and clock.
XOR
Output logical XOR of signals on OUTDD 
and clock.
XNOR Output logical XNOR of signals on OUTDD 
and clock.
 Control 
Signal
Effect/Functionality
Edge Clock 
(ECLK) 
Clocks input fast-capture latch; option-
ally clocks output FF, or
3-state FF, or PIO shift registers.
System 
Clock 
(SCLK)
Clocks input latch/FF; optionally clocks 
output FF, or 3-state FF, or PIO shift 
registers.
Clock 
Enable (CE)
Optionally enables/disables input FF 
(not available for input latch mode); 
optionally enables/disables output FF; 
separate CE inversion capability for 
input and output.
Local Set/
Reset (LSR)
Option to disable; affects input latch/FF, 
output FF, and 3-state FF if enabled.
Global Set/
Reset 
(GSRN)
Option to enable or disable per PIO 
after initial configuration.
Set/Reset 
Mode
The input latch/FF, output FF, and 3-
state FF are individually set or reset by 
both the LSR and GSRN inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com