Electronic Components Datasheet Search
  English  ▼

X  

OR4 Datasheet(PDF) 65 Page - Lattice Semiconductor

Part # OR4
Description  ORCASeries 4 FPGAs
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

OR4 Datasheet(HTML) 65 Page - Lattice Semiconductor

Back Button OR4 Datasheet HTML 61Page - Lattice Semiconductor OR4 Datasheet HTML 62Page - Lattice Semiconductor OR4 Datasheet HTML 63Page - Lattice Semiconductor OR4 Datasheet HTML 64Page - Lattice Semiconductor OR4 Datasheet HTML 65Page - Lattice Semiconductor OR4 Datasheet HTML 66Page - Lattice Semiconductor OR4 Datasheet HTML 67Page - Lattice Semiconductor OR4 Datasheet HTML 68Page - Lattice Semiconductor OR4 Datasheet HTML 69Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 152 page
background image
Lattice Semiconductor
65
Data Sheet
May, 2006
ORCA Series 4 FPGAs
FPGA Configuration Modes (continued)
Table 33. Configuration Modes
Master Parallel Mode
The master parallel configuration mode is generally used to interface to industry-standard, byte-wide memory. Fig-
ure 38 provides the connections for master parallel mode. The FPGA outputs an 22-bit address on A[21:0] to mem-
ory and reads 1 byte of configuration data on the rising edge of RCLK. The parallel bytes are internally serialized
starting with the least significant bit, D0. D[7:0] of the FPGA can be connected to D[7:0] of the microprocessor only
if a standard prom file format is used. If a .bit or .rbt file is used from ispLEVER, then the user must mirror the bytes
in the .bit or .rbt file OR leave the .bit or .rbt file unchanged and connect D[7:0] of the FPGA to D[0:7] of the micro-
processor.
Note: M3 = GND for high-speed CCLK; M3 = VDD for low-frequency CCLK.
5-9738(F).a
Figure 38. Master Parallel Configuration Schematic
In master parallel mode, the starting memory address is 00000 hex, and the FPGA increments the address for each
byte loaded.
M3
M2
M1
M0
CCLK
Configuration Mode
Data
0
0
0
0
Output. High-frequency.
Master Serial
Serial
0
1
0
0
Output. High-frequency.
Master Parallel
8-bit
0
1
0
1
Output. High-frequency.
Asynchronous Peripheral
8-bit
0
1
1
1
NA
Reserved
NA
1
0
0
0
Output. Low-frequency.
Master Serial
Serial
1
0
0
1
Input.
Slave Parallel
8-bit
1
0
1
0
Output.
MPC860 MPI
8-bit
1
0
1
1
Output.
MPC860 MPI
16-bit
1
1
0
0
Output. Low-frequency.
Master Parallel
8-bit
1
1
0
1
Output. Low-frequency.
Asynchronous Peripheral
8-bit
1
1
1
0
Output.
MPC860 MPI
32-bit
1
1
1
1
Input.
Slave Serial
Serial
A[17:0]
D[7:0]
EPROM
OE
CE
PRGM
A[17:0]
D[7:0]
DONE
ORCA
SERIES
FPGA
DOUT
CCLK
HDC
LDC
RCLK
M2
M1
M0
PROGRAM
VDD
TO DAISY-
CHAINED
DEVICES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com