Electronic Components Datasheet Search
  English  ▼

X  

OR4 Datasheet(PDF) 67 Page - Lattice Semiconductor

Part # OR4
Description  ORCASeries 4 FPGAs
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

OR4 Datasheet(HTML) 67 Page - Lattice Semiconductor

Back Button OR4 Datasheet HTML 63Page - Lattice Semiconductor OR4 Datasheet HTML 64Page - Lattice Semiconductor OR4 Datasheet HTML 65Page - Lattice Semiconductor OR4 Datasheet HTML 66Page - Lattice Semiconductor OR4 Datasheet HTML 67Page - Lattice Semiconductor OR4 Datasheet HTML 68Page - Lattice Semiconductor OR4 Datasheet HTML 69Page - Lattice Semiconductor OR4 Datasheet HTML 70Page - Lattice Semiconductor OR4 Datasheet HTML 71Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 152 page
background image
Data Sheet
May, 2006
Lattice Semiconductor
67
ORCA Series 4 FPGAs
FPGA Configuration Modes (continued)
Note: M3 = GND for high-speed CCLK; M3 = VDD for low-frequency CCLK.
5-4456(F).a
Figure 39. Master Serial Configuration Schematic
DIN
M2
M1
M0
ORCA
SERIES
FPGA
CCLK
DOUT
TO DAISY-
CHAINED
DEVICES
DATA
CLK
CE
CEO
DATA
CLK
RESET/OE
CEO
CE
TO MORE
SERIAL ROMs
AS NEEDED
DONE
PRGM
PROGRAM
RESET/OE
Asynchronous Peripheral Mode
Figure 40 shows the connections needed for the asyn-
chronous peripheral mode. In this mode, the FPGA
system interface is similar to that of a microprocessor-
peripheral interface. The microprocessor generates the
control signals to write an 8-bit byte into the FPGA. The
FPGA control inputs include active-low CS0 and active-
high CS1 chip selects and WR and RD inputs. The chip
selects can be cycled or maintained at a static level
during the configuration cycle. Each byte of data is writ-
ten into the FPGA’s D[7:0] input pins. D[7:0] of the
FPGA can be connected to D[7:0] of the microproces-
sor only if a standard prom file format is used. If a .bit
or .rbt file is used from ispLEVER, then the user must
mirror the bytes in the .bit or .rbt file OR leave the .bit or
.rbt file unchanged and connect D[7:0] of the FPGA to
D[0:7] of the microprocessor.
The FPGA provides an RDY/BUSY status output to indi-
cate that another byte can be loaded. A low on RDY/
BUSY
indicates that the double-buffered hold/shift reg-
isters are not ready to receive data, and this pin must
be monitored to go high before another byte of data
can be written. The shortest time RDY/BUSY is low
occurs when a byte is loaded into the hold register and
the shift register is empty, in which case the byte is
immediately transferred to the shift register. The long-
est time for RDY/BUSY to remain low occurs when a
byte is loaded into the holding register and the shift
register has just started shifting configuration data into
configuration RAM.
The RDY/BUSY status is also available on the D7 pin by
enabling the chip selects, setting WR high, and apply-
ing RD low, where the RD input provides an output
enable for the D[7:3] when RD is low. The D[2:0] pins
are not enabled to drive when RD is low and, therefore,
only act as input pins in asynchronous peripheral
mode. Optionally, the user can ignore the RDY/BUSY
status and simply wait until the maximum time it would
take for the RDY/BUSY line to go high, indicating the
FPGA is ready for more data, before writing the next
data byte.
The following signals are also available on D[6:3] when
WR
is high and RD is low:
■
D[6:5] is a 2-bit configuration bitstream error descrip-
tion flag: 00= no error, 01 = ID error, 10 = checksum
error, 11 = stop bit/frame alignment error.
■
D[4:3] is a 2-bit system bus error flag: 00 = no error,
01 = one error occurred, 11 = multiple errors
occurred.
One FPGA in asynchronous peripheral mode can pro-
vide configuration data out on DOUT to additional
FPGAs in a daisy-chain configuration. The configura-
tion data on DOUT is provided synchronously with the
rising edge of CCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com