| Electronic Components Datasheet Search |
|
SH7727 Datasheet(PDF) 57 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7727 Datasheet(HTML) 57 Page - Renesas Technology Corp |
|
57 / 1109 page ![]() Rev. 5.00 Dec 12, 2005 page lvii of lxxii Figure 14.19 Cycle-Steal Mode, Level input (CPU Access: 2 Cycles, DMA RD Access: 4 Cycles)................................................................................................................. 422 Figure 14.20 Cycle-Steal Mode, Level input (CPU Access: 2 Cycles, DREQ Input Delayed)... 423 Figure 14.21 Cycle-Steal Mode, Edge input (CPU Access: 2 Cycles) ........................................ 424 Figure 14.22 Burst Mode, Level Input ........................................................................................ 425 Figure 14.23 Burst Mode, Edge Input ......................................................................................... 426 Figure 14.24 Source Address Reload Function Diagram............................................................. 427 Figure 14.25 Timing Chart of Source Address Reload Function................................................. 428 Figure 14.26 CMT Block Diagram.............................................................................................. 431 Figure 14.27 Counter Operation .................................................................................................. 435 Figure 14.28 Count Timing ......................................................................................................... 436 Figure 14.29 Timing of CMF Setting .......................................................................................... 437 Figure 14.30 Timing of CMF Clear by the CPU ......................................................................... 437 Section 15 Timer (TMU) Figure 15.1 TMU Block Diagram.............................................................................................. 444 Figure 15.2 Setting the Count Operation ................................................................................... 451 Figure 15.3 Auto-Reload Counter Operation............................................................................. 452 Figure 15.4 Count Timing when Internal Clock is Operating ................................................... 452 Figure 15.5 Count Timing when On-Chip RTC Clock is Operating ......................................... 453 Figure 15.6 UNF Set Timing ..................................................................................................... 453 Figure 15.7 Status Flag Clear Timing........................................................................................ 454 Section 16 Realtime Clock (RTC) Figure 16.1 RTC Block Diagram............................................................................................... 458 Figure 16.2(a) Setting the Time ................................................................................................. 474 Figure 16.2(b) Setting the Time................................................................................................. 474 Figure 16.3 Reading the Time ................................................................................................... 475 Figure 16.4 Using the Alarm Function ...................................................................................... 476 Figure 16.5 Example of Crystal Oscillator Circuit Connection................................................. 477 Figure 16.6 Periodic Interrupt Function Setting ........................................................................ 478 Section 17 Serial Communication Interface (SCI) Figure 17.1 SCI Block Diagram ................................................................................................ 482 Figure 17.2 SCPT[1]/SCK0 Pin ................................................................................................ 483 Figure 17.3 SCPT[0]/TxD0 Pin................................................................................................. 484 Figure 17.4 SCPT[0]/RxD0 Pin................................................................................................. 485 Figure 17.5 Data Format in Asynchronous Communication (Example with 8-Bit Data, Parity, Two Stop Bits)................................................. 511 Figure 17.6 Relationship between Output Clock and Transfer Data Phase (Asynchronous Mode)............................................................................................ 513 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |