| Electronic Components Datasheet Search |
|
SH7727 Datasheet(PDF) 59 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7727 Datasheet(HTML) 59 Page - Renesas Technology Corp |
|
59 / 1109 page ![]() Rev. 5.00 Dec 12, 2005 page lix of lxxii Figure 19.2 SCPT[4]/TxD2 Pin................................................................................................. 567 Figure 19.3 SCPT[4]/RxD2 Pin................................................................................................. 568 Figure 19.4 Sample SCIF Initialization Flowchart .................................................................... 592 Figure 19.5 Sample Serial Transmission Flowchart .................................................................. 593 Figure 19.6 Example of Transmit Operation (Example with 8-Bit Data, Parity, One Stop Bit) 595 Figure 19.7 Example of Operation Using Modem Control ( CTS)............................................. 595 Figure 19.8 Sample Serial Reception Flowchart (1).................................................................. 596 Figure 19.9 Sample Serial Reception Flowchart (2).................................................................. 597 Figure 19.10 Example of SCIF Receive Operation (Example with 8-Bit Data, Parity, One Stop Bit) ................................................... 599 Figure 19.11 Example of Operation Using Modem Control ( RTS)............................................. 599 Figure 19.12 Receive Data Sampling Timing in Asynchronous Mode ....................................... 602 Section 20 Serial IO (SIOF) Figure 20.1 SIOF Block Diagram.............................................................................................. 606 Figure 20.2 Serial Clock Supply System ................................................................................... 630 Figure 20.3 SIOF Serial Data Synchronized Timing................................................................. 631 Figure 20.4 SIOF Transmit or Receive Timing ......................................................................... 632 Figure 20.5 Transmit or Receive Data Bit Alignment ............................................................... 634 Figure 20.6 Control Data Bit Alignment ................................................................................... 636 Figure 20.7 Control Data Interface (Slot Position) .................................................................... 637 Figure 20.8 Control Data Interface (Secondary FS) .................................................................. 638 Figure 20.9 Example of Transmit Operation in Master ............................................................. 641 Figure 20.10 Example of Receive Operation in Master............................................................... 642 Figure 20.11 Example of Transmit Operation in Slave ............................................................... 643 Figure 20.12 Example of Receive Operation in Slave................................................................. 644 Figure 20.13 Transmit or Receive Timing (8 bits monaural—1) ................................................ 648 Figure 20.14 Transmit or Receive Timing (8 bits monaural—2) ................................................ 648 Figure 20.15 Transmit or Receive Timing (16 bits monaural—1) .............................................. 649 Figure 20.16 Transmit or Receive Timing (16 bits stereo—1).................................................... 649 Figure 20.17 Transmit or Receive Timing (16 bits stereo—2).................................................... 650 Figure 20.18 Transmit or Receive Timing (16 bits stereo—3).................................................... 650 Figure 20.19 Transmit or Receive Timing (16 bits monaural—2) .............................................. 651 Section 21 Analog Front End Interface (AFEIF) Figure 21.1 Block Diagram of AFE Interface ........................................................................... 658 Figure 21.2 FIFO Interrupt Timing............................................................................................ 672 Figure 21.3 Ringing Interrupt Occurrence Timing .................................................................... 672 Figure 21.4 Interrupt Generator ................................................................................................. 673 Figure 21.5 AFE Serial Interface............................................................................................... 673 Figure 21.6 AFE Control Sequence........................................................................................... 674 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |