Electronic Components Datasheet Search
  English  ▼

X  

SH7727 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # SH7727
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  1109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7727 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button SH7727 Datasheet HTML 10Page - Renesas Technology Corp SH7727 Datasheet HTML 11Page - Renesas Technology Corp SH7727 Datasheet HTML 12Page - Renesas Technology Corp SH7727 Datasheet HTML 13Page - Renesas Technology Corp SH7727 Datasheet HTML 14Page - Renesas Technology Corp SH7727 Datasheet HTML 15Page - Renesas Technology Corp SH7727 Datasheet HTML 16Page - Renesas Technology Corp SH7727 Datasheet HTML 17Page - Renesas Technology Corp SH7727 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 1109 page
background image
Rev. 5.00 Dec 12, 2005 page xiv of lxxii
Page
Previous Version
Revised Version
385
14.2.2 DMA Destination Address
Registers 0 to 3 (DAR0 to DAR3)
To transfer data in 16 bits or in 32 bits,
specify the address on the 16-bit or 32-bit
boundary. If any other address is specified,
correct operation is not guaranteed.
To transfer data in 16 bits or in 32 bits,
specify the address on the 16-bit or 32-bit
boundary. When transferring data in 16-
byte units, always set a value at a 16-byte
boundary (16n address) as the destination
address. If any other address is specified,
correct operation is not guaranteed.
433
14.4.2 Register Descriptions
Compare-Match Timer Control/Status
Register 0 (CMCSR0)
The compare-match timer control/status
register 0 (CMCSR0) is a 16-bit register
that indicates a compare-match
occurrence, sets enable/disable of
interrupts, and sets the incrementation
clock. …
The compare-match timer control/status
register 0 (CMCSR0) is a 16-bit register
that indicates a compare-match occurrence
and sets the incrementation clock. …
434
Bits 1 and 0
clock Select 1, 0 (CKS1,
CKS0):
These bits select the clock input to CMCNT
from four internal clocks which are divided
from the system clock (P
φ). When the STR
bit in CMSTR is set to 1, …
These bits select the clock input to CMCNT
from four clocks which are divided from the
peripheral clock (P
φ). When the STR0 bit in
CMSTR is set to 1, …
Compare-Match Counter 0 (CMCNT0)
When the internal clock is selected with the
CKS1 and CKS0 bits in CMCSR0 and the
STR bit in CMSTR is set to 1, …
When the clock is selected with the CKS1
and CKS0 bits in CMCSR0 and the STR0
bit in CMSTR is set to 1, …
435
14.4.3 Operation
Period Count Operation
When the internal clock is selected with the
CKS1, CKS0 bits in CMCSR0 and the STR
bit of the CMSTR is set to 1,
When the clock is selected with the CKS1
and CKS0 bits in CMCSR0 and the STR0
bit in CMSTR is set to 1, …



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com