Electronic Components Datasheet Search
  English  ▼

X  

SH7727 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # SH7727
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  1109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7727 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button SH7727 Datasheet HTML 11Page - Renesas Technology Corp SH7727 Datasheet HTML 12Page - Renesas Technology Corp SH7727 Datasheet HTML 13Page - Renesas Technology Corp SH7727 Datasheet HTML 14Page - Renesas Technology Corp SH7727 Datasheet HTML 15Page - Renesas Technology Corp SH7727 Datasheet HTML 16Page - Renesas Technology Corp SH7727 Datasheet HTML 17Page - Renesas Technology Corp SH7727 Datasheet HTML 18Page - Renesas Technology Corp SH7727 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 1109 page
background image
Rev. 5.00 Dec 12, 2005 page xv of lxxii
Page
Previous Version
Revised Version
436
CMCNT0 Count Timing
One of four clocks (P
φ/4, Pφ/8, Pφ/16,
P
φ/64) which are divided from the clock
(P
φ) can be selected with the CKS1 and
CKS0 bits in CMCSR0. …
One of four peripheral clocks (P
φ/4, Pφ/8,
P
φ/16, Pφ/64) which are divided from the
clock (P
φ) can be selected with the CKS1
and CKS0 bits in CMCSR0. …
Figure 14.28 Count Timing
CK
Internal clock
Peripheral clock (P
φ)
CMT clock
437
Figure 14.29 Timing of CMF Setting
CK
Peripheral clock (P
φ)
Figure 14.30 Timing of CMF Clear by the
CPU
CK
Peripheral clock (P
φ)
442
14.6 Usage Notes
Item 14, 15, added
443
15.1.1 Features
• Selection of six counter input clocks for
each channel:
On-chip RTC output clock (16 kHz), P
φ/4,
P
φ/16, Pφ/64, and Pφ/256
Note: P
φ is the internal clock for peripheral
modules and can be selected as 1/4, 1/2, or
the same frequency as that of the CPU
operating clock
φ.) See section 10, On-Chip
Oscillation Circuits, for more information on
the clock pulse generator.
• Selection of six counter input clocks for
each channel:
On-chip RTC output clock (16 kHz), P
φ/4,
P
φ/16, Pφ/64, and Pφ/256
Note deleted
• The maximum 2 MHz operating frequency
for the 32-bit counter in each channel:
Operate the SH7727 so that the clock input
to each channel timer counter does not
exceed the maximum operating frequency,
by dividing the external clock and internal
clock with the prescaler)
Operate the SH7727 so that the clock input
to each channel timer counter does not
exceed the maximum operating frequency,
by dividing the external clock and
peripheral clock (P
φ) with the prescaler.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com