Electronic Components Datasheet Search
  English  ▼

X  

SH7727 Datasheet(PDF) 84 Page - Renesas Technology Corp

Part # SH7727
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  1109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7727 Datasheet(HTML) 84 Page - Renesas Technology Corp

Back Button SH7727 Datasheet HTML 80Page - Renesas Technology Corp SH7727 Datasheet HTML 81Page - Renesas Technology Corp SH7727 Datasheet HTML 82Page - Renesas Technology Corp SH7727 Datasheet HTML 83Page - Renesas Technology Corp SH7727 Datasheet HTML 84Page - Renesas Technology Corp SH7727 Datasheet HTML 85Page - Renesas Technology Corp SH7727 Datasheet HTML 86Page - Renesas Technology Corp SH7727 Datasheet HTML 87Page - Renesas Technology Corp SH7727 Datasheet HTML 88Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 1109 page
background image
Section 1 Overview and Pin Functions
Rev. 5.00 Dec 12, 2005 page 12 of 1034
REJ09B0254-0500
Pin No.
(PRQP0240KC-B)
Pin No.
(PLBG0240JA-A) Name
I/O
Function
28
C9
D24/PTB[0]
IO/IO
Data bus / I/O port B
29
A10
VssQ
—
Input/output power supply (0 V)
30
D10
D23/PTA[7]
IO/IO
Data bus / I/O port A
31
C10
VccQ
—
Input/output power supply (3.3 V)
32
B10
D22/PTA[6]
IO/IO
Data bus / I/O port A
33
C11
D21/PTA[5]
IO/IO
Data bus / I/O port A
34
D11
D20/PTA[4]
IO/IO
Data bus / I/O port A
35
B11
Vss
—
Power supply (0 V)
36
A11
D19/PTA[3]
IO/IO
Data bus / I/O port A
37
D12
Vcc
—
Power supply (1.9 V)
38
C12
D18/PTA[2]
IO/IO
Data bus / I/O port A
39
B12
D17/PTA[1]
IO/IO
Data bus / I/O port A
40
A12
D16/PTA[0]
IO/IO
Data bus / I/O port A
41
D13
D15
IO
Data bus
42
C13
VssQ
—
Input/output power supply (0 V)
43
B13
D14
IO
Data bus
44
A13
VccQ
—
Input/output power supply (3.3 V)
45
D14
D13
IO
Data bus
46
C14
D12
IO
Data bus
47
B14
D11
IO
Data bus
48
A14
D10
IO
Data bus
49
D15
D9
IO
Data bus
50
C15
D8
IO
Data bus
51
C17
D7
IO
Data bus
52
A15
D6
IO
Data bus
53
C16
VssQ
—
Input/output power supply (0 V)
54
A16
D5
IO
Data bus
55
B15
VccQ
—
Input/output power supply (3.3 V)
56
A17
D4
IO
Data bus
57
B17
D3
IO
Data bus
58
A18
D2
IO
Data bus
59
B16
D1
IO
Data bus
60
B18
D0
IO
Data bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com