Electronic Components Datasheet Search
  English  ▼

X  

SH7727 Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # SH7727
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  1109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7727 Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button SH7727 Datasheet HTML 87Page - Renesas Technology Corp SH7727 Datasheet HTML 88Page - Renesas Technology Corp SH7727 Datasheet HTML 89Page - Renesas Technology Corp SH7727 Datasheet HTML 90Page - Renesas Technology Corp SH7727 Datasheet HTML 91Page - Renesas Technology Corp SH7727 Datasheet HTML 92Page - Renesas Technology Corp SH7727 Datasheet HTML 93Page - Renesas Technology Corp SH7727 Datasheet HTML 94Page - Renesas Technology Corp SH7727 Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 1109 page
background image
Section 1 Overview and Pin Functions
Rev. 5.00 Dec 12, 2005 page 19 of 1034
REJ09B0254-0500
Pin No.
(PRQP0240KC-B)
Pin No.
(PLBG0240JA-A) Name
I/O
Function
226
F3
USB1_P(analog)
IO
USB1 data I/O (plus)
227
F2
USB1_M(analog)
IO
USB1 data I/O (minus)
228
F1
AVss_USB
—
USB analog power supply (0 V)
229
E4
USB2_P(analog)
IO
USB2 data I/O (plus)
230
E3
USB2_M(analog)
IO
USB2 data I/O (minus)
231
C3
AVcc_USB
—
USB analog power supply (3.3 V)
232
E1
AVss
—
Analog power supply (0 V)
233
D3
AN[2]/PTL[2]
I/I
A/D converter input / input port L
234
D1
AN[3]/PTL[3]
I/I
A/D converter input / input port L
235
E2
AN[4]/PTL[4]
I/I
A/D converter input / input port L
236
C1
AN[5]/PTL[5]
I/I
A/D converter input / input port L
237
C2
AVcc
—
Analog power supply (3.3 V)
238
B1
AN[6]/PTL[6]/DA[1]
I/I/O
A/D converter input / input port L /
D/A converter output
239
D2
AN[7]/PTL[7]/DA[0]
I/I/O
A/D converter input / input port L /
D/A converter output
240
B2
AVss
—
Analog power supply (0 V)
Notes: All Vcc/Vss should be connected to the all system power supply (so that power is supplied
at all times).
1. Always supply power to the Vcc-RTC, even if RTC is not being used.
2. Always supply power to the Vcc-PLL, even if the internal PLL is not being used.
3. Drive high when using the user system alone, and not using an emulator or the H-UDI.
When this pin is low or open,
RESETP may be masked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com