Electronic Components Datasheet Search
  English  ▼

X  

SH7727 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # SH7727
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  1109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7727 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button SH7727 Datasheet HTML 19Page - Renesas Technology Corp SH7727 Datasheet HTML 20Page - Renesas Technology Corp SH7727 Datasheet HTML 21Page - Renesas Technology Corp SH7727 Datasheet HTML 22Page - Renesas Technology Corp SH7727 Datasheet HTML 23Page - Renesas Technology Corp SH7727 Datasheet HTML 24Page - Renesas Technology Corp SH7727 Datasheet HTML 25Page - Renesas Technology Corp SH7727 Datasheet HTML 26Page - Renesas Technology Corp SH7727 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 1109 page
background image
Rev. 5.00 Dec 12, 2005 page xxiii of lxxii
Page
Previous Version
Revised Version
918,
919
Table 31.3 Correspondence between
SH7727 Pins and Boundary-Scan Register
Bit
Pin Name
I/O
170
PTM5/PINT5/AFE_TXOUT/
USB1d_TXSE0
Control
169
PTM4/PINT4/
AFE_RDET/
USB1d_TXDMNS
IN
168
Reserved/USB1d_SUSPEND0
IN
137
MD0
IN
136
PTM4/PINT4/
AFE_RDET/
USB1d_TXDMNS
OUT
135
Reserved/USB1d_SUSPEND0
OUT
110
PTF0/
PCC0VS2/Reserved
OUT
109
PTM4/PINT4/
AFE_RDET/
USB1d_TXDMNS
Control
108
Reserved/USB1d_SUSPEND0
Control
Bit
Pin Name
I/O
170
PTM5/PINT5/AFE_TXOUT/
USB1d_TXSE0
Control
169
PTM4/PINT4/
AFE_RDET
IN
168
Reserved/USB1d_SUSPEND0
IN
137
MD0
IN
136
PTM4/PINT4/
AFE_RDET
OUT
135
Reserved/USB1d_SUSPEND0
OUT
110
PTF0/
PCC0VS2/Reserved
OUT
109
PTM4/PINT4/
AFE_RDET
Control
108
Reserved/USB1d_SUSPEND0
Control
925
32.1 Absolute Maximum Ratings
Caution:
Item 3 added
927,
928
Table 32.2 DC Characteristics (1)
Item
Symbol
Min
Typ
Max
Unit
Measurement
Conditions
Power supply voltage
3.0
—
3.6
HD6417727F160,
HD6417727BP160V
VCCQ
2.6
—
3.6
HD6417727F100,
HD6417727BP100V
See note *4 for applied
voltage when mounted.
1.70
—
2.05
HD6417727F160,
HD6417727BP160V
See note *4 for applied
voltage when mounted.
VCC,
VCC-PLL1,
VCC-PLL2,
VCC-RTC*
1
1.60
—
2.05
V
HD6417727F100,
HD6417727BP100V
See note *4 for applied
voltage when mounted.
During A/D
conversion
—
0.8
2
mA
During A/D
and D/A
conversion
—
2.4
6
mA
Analog (A/D,
D/A) power-
supply
current
Idle
AICC
—
0.01
5.0
mA
Item
Symbol
Min
Typ
Max
Unit
Measurement
Conditions
Power supply voltage
3.0
—
3.6
160 MHz products
VCCQ
2.6
—
3.6
100 MHz products
1.70
—
2.05
160 MHz products
VCC,
VCC-PLL1,
VCC-PLL2,
VCC-RTC*
1
1.60
—
2.05
V
100 MHz products
During A/D
conversion
—
0.8
2
mA
During A/D
and D/A
conversion
—
2.4
6
mA
Analog (A/D,
D/A) power-
supply
current
Idle
AICC
—
0.01
5.0
mA
Ta = 25
°C
Notes:
*3 Current dissipation values shown are
for VIHmin = VccQ – 0.5 V and VILmax =
0.5 V with 5 pF load.
*4 The voltage range that can be applied
depends on the operating frequency
setting. Be sure check the operating
frequency range of the AC characteristics.
*5 There is no stipulation regarding the
power supply in standby mode when there
is no RTC clock input.
3. Current dissipation values are for VIH
min = VccQ – 0.5 V and VIL max = 0.5 V
with all output pins in the no-load state.
4. There is no stipulation regarding the
power supply in standby mode when there
is no RTC clock input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com