Electronic Components Datasheet Search
  English  ▼

X  

SH7727 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # SH7727
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  1109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7727 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button SH7727 Datasheet HTML 14Page - Renesas Technology Corp SH7727 Datasheet HTML 15Page - Renesas Technology Corp SH7727 Datasheet HTML 16Page - Renesas Technology Corp SH7727 Datasheet HTML 17Page - Renesas Technology Corp SH7727 Datasheet HTML 18Page - Renesas Technology Corp SH7727 Datasheet HTML 19Page - Renesas Technology Corp SH7727 Datasheet HTML 20Page - Renesas Technology Corp SH7727 Datasheet HTML 21Page - Renesas Technology Corp SH7727 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 1109 page
background image
Rev. 5.00 Dec 12, 2005 page xviii of lxxii
Page
Previous Version
Revised Version
563
19.1.1 Features
• On-chip modem control functions (
RTS
and
CTS)
• On-chip modem control functions (
RTS2
and
CTS2)
564
Figure 19.1 SCIF Block Diagram
RxD2
TxD2
SCIF
SCBRR2
SCSSR2
SCSCR2
SCFTDR2
SCTSR2
SCFRDR2
(16stages)
(16stages)
SCRSR2
SCSMR2
SCFDR2
SCFCR2
SCPCR2
SCFDR2
Parity generation
Parity check
Clock
Module data bus
Internal
data bus
P
φ
P
φ/4
P
φ/16
P
φ/64
TXI
ERI
BRI
BRI
Baud rate
generator
Transmit/
receive
control
RxD2
TxD2
RTS2
CTS2
SCIF
SCBRR2
SCSSR2
SCSCR2
SCFTDR2
SCTSR2
SCFRDR2
(16stages)
(16stages)
SCRSR2
SCSMR2
SCFDR2
SCFCR2
SCPCR2
SCFDR2
Parity generation
Parity check
Clock
Module data bus
Internal
data bus
P
φ
P
φ/4
P
φ/16
P
φ/64
TXI
ERI
BRI
BRI
Baud rate
generator
Transmit/
receive
control
565
19.1.2 Block Diagram
Figures 19.2 and 19.3 show SCIF I/O ports.
Bits 11 to 8 of SCPCR and bits 5 and 4 of
SCPDR control an input/output and data of
the SCIF pins. …
Figure 19.2 and 19.3 show SCIF I/O ports.
Bits 15, 14, 9, 8 of SCPCR and bits 7 and 4
of SCPDR control an input/output and data
of the SCIF pins. …
603
20.1.1 Features
• Serial clock
 External clock or internal clock (P_CLK)
are able to be used as clock source.
 External clock or peripheral clock (Pφ)
are able to be used as clock source.
604
20.1.2 Block Diagram
Figure 20.1 SIOF Block Diagram
Control register
16
32
Tx_FIFO
32 bits
×
16 stages
Bus I/F
RXD_SIO
TXD_SIO
SCK_SIO SIOFSYNC
32
32
32
PP-BUS
Rx_FIFO
32 bits
×
16 stages
S/P
Rx control data
32
32
Timing control
SIOMCLK
Baud rate
generator
P/S
Tx control data
1/n MCLK
Control register
16
32
Tx_FIFO
32 bits
×
16 stages
Bus I/F
RXD_SIO
TXD_SIO
SCK_SIO SIOFSYNC
32
32
32
Peripheral bus
Rx_FIFO
32 bits
×
16 stages
S/P
Rx control data
32
32
Timing control
SIOMCLK
Baud rate
generator
P/S
Tx control data
1/n MCLK
SIOF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com