Electronic Components Datasheet Search
  English  ▼

X  

SH7727 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # SH7727
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  1109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7727 Datasheet(HTML) 3 Page - Renesas Technology Corp

  SH7727 Datasheet HTML 1Page - Renesas Technology Corp SH7727 Datasheet HTML 2Page - Renesas Technology Corp SH7727 Datasheet HTML 3Page - Renesas Technology Corp SH7727 Datasheet HTML 4Page - Renesas Technology Corp SH7727 Datasheet HTML 5Page - Renesas Technology Corp SH7727 Datasheet HTML 6Page - Renesas Technology Corp SH7727 Datasheet HTML 7Page - Renesas Technology Corp SH7727 Datasheet HTML 8Page - Renesas Technology Corp SH7727 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 1109 page
background image
Rev. 5.00 Dec 12, 2005 page iii of lxxii
General Precautions on the Handling of Products
1. Treatment of NC Pins
Note: Do not connect anything to the NC pins.
The NC (not connected) pins are not connected to any of the internal circuitry; they are
used as test pins or to reduce noise. If something is connected to the NC pins, the
operation of the LSI is not guaranteed.
2. Treatment of Unused Input Pins
Note: Fix all unused input pins to high or low level.
Generally, the input pins of CMOS products are high-impedance input pins. If unused pins
are in their open states, intermediate levels are induced by noise in the vicinity, a pass-
through current flows internally, and a malfunction may occur.
3. Processing before Initialization
Note: When power is first supplied, the product’s state is undefined. The states of internal
circuits are undefined until full power is supplied throughout the chip and a low level is
input on the reset pin. During the period where the states are undefined, the register
settings and the output state of each pin are also undefined. Design your system so that it
does not malfunction because of processing while it is in this undefined state. For those
products which have a reset function, reset the LSI immediately after the power supply has
been turned on.
4. Prohibition of access to undefined or reserved address
Note: Access to undefined or reserved addresses is prohibited.
The undefined or reserved addresses may be used to expand functions, or test registers
may have been be allocated to these address. Do not access these registers: the system’s
operation is not guaranteed if they are accessed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com