Electronic Components Datasheet Search
  English  ▼

X  

SH7727 Datasheet(PDF) 70 Page - Renesas Technology Corp

Part # SH7727
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  1109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7727 Datasheet(HTML) 70 Page - Renesas Technology Corp

Back Button SH7727 Datasheet HTML 66Page - Renesas Technology Corp SH7727 Datasheet HTML 67Page - Renesas Technology Corp SH7727 Datasheet HTML 68Page - Renesas Technology Corp SH7727 Datasheet HTML 69Page - Renesas Technology Corp SH7727 Datasheet HTML 70Page - Renesas Technology Corp SH7727 Datasheet HTML 71Page - Renesas Technology Corp SH7727 Datasheet HTML 72Page - Renesas Technology Corp SH7727 Datasheet HTML 73Page - Renesas Technology Corp SH7727 Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 1109 page
background image
Rev. 5.00 Dec 12, 2005 page lxx of lxxii
Table 21.2
AFEIF Registers..................................................................................................... 659
Table 21.3
Telephone Number and Data.................................................................................. 669
Section 22 USB Pin Multiplex Controller
Table 22.1
Pin Configuration (Digital Transceiver Signal)...................................................... 681
Table 22.2
Pin Configuration (Analog Transceiver Signal) ..................................................... 681
Table 22.3
Pin Configuration (Power Control signal).............................................................. 682
Table 22.4
Register Configuration ........................................................................................... 682
Section 23 USB Function Controller
Table 23.1
Pin Configuration and Functions............................................................................ 692
Table 23.2
USB Function Module Registers............................................................................ 693
Table 23.3
Command Decoding on Application Side .............................................................. 717
Section 24 USB HOST Module
Table 24.1
Pin Configuration ................................................................................................... 726
Table 24.2
Register Configuration ........................................................................................... 727
Section 25 LCD Controller
Table 25.1
Pin Configuration ................................................................................................... 765
Table 25.2
Register Configuration ........................................................................................... 765
Table 25.3
Limits on the Resolution of Rotated Displays, Burst Length,
and Connected Memory (32-bit Bus SDRAM) ...................................................... 792
Table 25.4
Limits on the Resolution of Rotated Displays, Burst Length,
and Connected Memory (16-bit Bus SDRAM) ...................................................... 795
Table 25.5
Available Power-Supply Control-Sequence Periods at Typical Frame Rates ........ 805
Table 25.6
LCDC Operating Modes ........................................................................................ 806
Table 25.7
LCD Module Power-Supply States ........................................................................ 806
Section 26 Pin Function Controller (PFC)
Table 26.1
List of Multiplexed Pins ......................................................................................... 821
Table 26.2
Pin Function Controller Registers .......................................................................... 826
Section 27 I/O Ports
Table 27.1
Pin Function Controller Registers .......................................................................... 846
Table 27.2
Read/Write Operation of the Ports A to C, E, J, K Data Register .......................... 847
Table 27.3
Read/Write Operation of the Port D Data Register (PDDR) ................................. 849
Table 27.4
Read/Write Operation of the Ports F, M Data Register (PFDR, PMDR) ............... 850
Table 27.5
Read/Write Operation of the Port G Data Register (PGDR) .................................. 851
Table 27.6
Read/Write Operation of the Port H Data Register (PHDR) ................................. 853
Table 27.7
Read/Write Operation of the Port L Data Register (PLDR)................................... 854



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com