Electronic Components Datasheet Search
  English  ▼

X  

SH7727 Datasheet(PDF) 87 Page - Renesas Technology Corp

Part # SH7727
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  1109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7727 Datasheet(HTML) 87 Page - Renesas Technology Corp

Back Button SH7727 Datasheet HTML 83Page - Renesas Technology Corp SH7727 Datasheet HTML 84Page - Renesas Technology Corp SH7727 Datasheet HTML 85Page - Renesas Technology Corp SH7727 Datasheet HTML 86Page - Renesas Technology Corp SH7727 Datasheet HTML 87Page - Renesas Technology Corp SH7727 Datasheet HTML 88Page - Renesas Technology Corp SH7727 Datasheet HTML 89Page - Renesas Technology Corp SH7727 Datasheet HTML 90Page - Renesas Technology Corp SH7727 Datasheet HTML 91Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 1109 page
background image
Section 1 Overview and Pin Functions
Rev. 5.00 Dec 12, 2005 page 15 of 1034
REJ09B0254-0500
Pin No.
(PRQP0240KC-B)
Pin No.
(PLBG0240JA-A) Name
I/O
Function
118
V19
PTM[7]/PINT[7]/
AFE_FS/
USB1d_RCV
I/I/I/I
Input port M / port interrupt / AFE frame
synchronization / receive data input
119
T18
PTM[6]/PINT[6]/
AFE_RXIN/
USB1d_SPEED
I/I/I/O
Input port M / port interrupt / AFE
receive data / transceiver speed control
120
V18
PTM[5]/PINT[5]/
AFE_TXOUT/
USB1d_TXSE0
I/I/O/O
Input port M / port interrupt / AFE
transmit data / SE0 output
121
W19
PTM[4]/PINT[4]/
AFE_RDET
I/I/I
Input port M / port interrupt / AFE
ringing detection
122
V16
Reserved/
USB1d_SUSPEND
O/O
Reserved/Transceiver suspend state
output
123
W18
USB1_ovr_crnt/
USBF_VBUS
I/I
USB host 1 overcurrent detection /
USB function VBUS
124
V17
USB2_ovr_crnt
I
USB host 2 overcurrent detection
125
W17
RTS2/
USB1d_TXENL
O/O
SCIF RTS pin / USB output enable pin
126
V15
PTE[2]/
USB1_pwr_en
IO/O
I/O port E / USB1 voltage control
127
W16
PTE[1]/
USB2_pwr_en
IO/O
I/O port E / USB2 voltage control
128
U16
CKE/PTK[5]
O/IO
CK enable (SDRAM) / I/O port K
129
W15
RAS3/PTJ[0]
O/IO
RAS for SDRAM / I/O port J
130
T16
Reserved/PTJ[1]
O/IO
Reserved / I/O port J
131
U15
Reserved/
CAS/
PTJ[2]
O/O/IO
Reserved / CAS for SDRAM / I/O port J
132
T15
VssQ
—
Input/output power supply (0 V)
133
W14
Reserved/PTJ[3]
O/IO
Reserved / I/O port J
134
V14
VccQ
—
Input/output power supply (3.3 V)
135
U14
Reserved/PTJ[4]
O/IO
Reserved / I/O port J
136
T14
Reserved/PTJ[5]
O/IO
Reserved / I/O port J
137
W13
Vss
—
Power supply (0 V)
138
V13
PTD[5]/CL1
IO/O
I/O port D / LCD line clock
139
U13
Vcc
—
Power supply (1.9 V)
140
T13
PTD[7]/DON
IO/O
I/O port D / LCD DISPLAY on
141
W12
PTE[6]/M_DISP
IO/O
I/O port E / LCD alternating signal /
DISP signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com