Electronic Components Datasheet Search
  English  ▼

X  

SH7727 Datasheet(PDF) 79 Page - Renesas Technology Corp

Part # SH7727
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  1109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7727 Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button SH7727 Datasheet HTML 75Page - Renesas Technology Corp SH7727 Datasheet HTML 76Page - Renesas Technology Corp SH7727 Datasheet HTML 77Page - Renesas Technology Corp SH7727 Datasheet HTML 78Page - Renesas Technology Corp SH7727 Datasheet HTML 79Page - Renesas Technology Corp SH7727 Datasheet HTML 80Page - Renesas Technology Corp SH7727 Datasheet HTML 81Page - Renesas Technology Corp SH7727 Datasheet HTML 82Page - Renesas Technology Corp SH7727 Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 1109 page
background image
Section 1 Overview and Pin Functions
Rev. 5.00 Dec 12, 2005 page 7 of 1034
REJ09B0254-0500
Item
Features
LCD controller
(LCDC)
• From 16 x 1 to 1024 x 1024 pixels can be supported
• 4/8/15/16 bpp (bit per pixel) color modes
• 1/2/4/6 bpp (bit per pixel) gray scale
• 8-bit Frame rate controller
• TFT/DSTN/STN
• Signal polarity setting function
• Hardware panel rotation
• Power control function
• Selectable clock source (LCLK, bus clock (Bφ), or peripheral clock (Pφ))
AFE I/F
• ST7550 direct interface
• Telephone line control
• 128-word FIFO for transfer
• 128-word FIFO for receive
I/O port
• Thirteen 8-bit I/O ports
A/D converter
(ADC)
• 10 bits ± 4 LSB, 6 channels
• Conversion time: 15 µs
• Input range: 0–Vcc (max. 3.6 V)
D/A converter
(DAC)
• 8 bits ± 4 LSB, 2 channels
• Conversion time: 10 µs
• Output range: 0–Vcc (max. 3.6 V)
Product lineup
Power Supply
Voltage
As of June 1, 2005
SH7727
I/O
Internal
Operating
Frequency
Model Name
Package
160 MHz
products
3.0 V to
3.6 V
1.70 V to
2.05 V
160 MHz
HD6417727F160C
240-pin plastic HQFP
(PRQP0240KC-B)
HD6417727BP160C 240-pin CSP
(PLBG0240JA-A)
100 MHz
products
2.6 V to
3.6 V
1.60 V to
2.05 V
100 MHz
HD6417727F100C
240-pin plastic HQFP
(PRQP0240KC-B)
HD6417727BP100C 240-pin CSP
(PLBG0240JA-A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com