Electronic Components Datasheet Search
  English  ▼

X  

SH7727 Datasheet(PDF) 98 Page - Renesas Technology Corp

Part # SH7727
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  1109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7727 Datasheet(HTML) 98 Page - Renesas Technology Corp

Back Button SH7727 Datasheet HTML 94Page - Renesas Technology Corp SH7727 Datasheet HTML 95Page - Renesas Technology Corp SH7727 Datasheet HTML 96Page - Renesas Technology Corp SH7727 Datasheet HTML 97Page - Renesas Technology Corp SH7727 Datasheet HTML 98Page - Renesas Technology Corp SH7727 Datasheet HTML 99Page - Renesas Technology Corp SH7727 Datasheet HTML 100Page - Renesas Technology Corp SH7727 Datasheet HTML 101Page - Renesas Technology Corp SH7727 Datasheet HTML 102Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 1109 page
background image
Section 2 CPU
Rev. 5.00 Dec 12, 2005 page 26 of 1034
REJ09B0254-0500
On the other hand, R2 to R9 registers are also used for the DSP data address calculations, see
figure 2.4, when DSP extension is enabled. Another symbol that represents the purpose of the
registers in DSP type instruction is [ ].
31
R0
R1
R2 [As]
R3 [As]
R4 [As, Ax]
R5 [As, Ax]
R6 [Ay]
R7 [Ay]
R8 [Ix, Is]
R9 [Iy]
R10
R11
R12
R13
R14
R15
0
General Registers (DSP mode enabled)
X or Y data transfer operation
R4, R5 [Ax]:
Address register set for X data memory.
R8 [x]:
Index register for address register set Ax.
R6, R7 [Ay]:
Address register set for Y data memory.
R9 [Iy]:
Index register for address register set Ay.
Single data transfer operation
R2 to R5 [As]: Address register set for memory.
R8 [Is]:
Index register for address register set As.
Figure 2.4 General Purpose Register (DSP Mode)
DSP type instructions can access X and Y data memory simultaneously. To specify addresses for
X and Y data memory, two address pointer sets are prepared. These are:
R8[Ix], R4, R5[Ax] for X memory access, and R9[Iy], R6, R7[Ay] for Y memory access.
The names (symbol) R2 to R9 are used in the Assembler, but users can use other register names
that represent the purpose of the register in the DSP instruction explicitly. In the assembly
program, user can use an alias for the register. The coding in assembler is as follows.
Ix: .REG (R8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com