Electronic Components Datasheet Search
  English  ▼

X  

SH7727 Datasheet(PDF) 102 Page - Renesas Technology Corp

Part # SH7727
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  1109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7727 Datasheet(HTML) 102 Page - Renesas Technology Corp

Back Button SH7727 Datasheet HTML 98Page - Renesas Technology Corp SH7727 Datasheet HTML 99Page - Renesas Technology Corp SH7727 Datasheet HTML 100Page - Renesas Technology Corp SH7727 Datasheet HTML 101Page - Renesas Technology Corp SH7727 Datasheet HTML 102Page - Renesas Technology Corp SH7727 Datasheet HTML 103Page - Renesas Technology Corp SH7727 Datasheet HTML 104Page - Renesas Technology Corp SH7727 Datasheet HTML 105Page - Renesas Technology Corp SH7727 Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 1109 page
background image
Section 2 CPU
Rev. 5.00 Dec 12, 2005 page 30 of 1034
REJ09B0254-0500
SSR
31
0
Saved status register (SSR)
SPC
31
0
Saved program counter (SPC)
GBR
31
0
Global base register
VBR
31
0
Vector base register
RS
31
0
Repeat start register
RE
31
0
Repeat end register
ME
MS
31
16 15
0
Modulo register
MOD
ME: Modulo end address, MS: Modulo start address
Saved status register (SSR)
Stores current SR value at time of exception to indicate processor status when returning to instruction
stream from exception handler.
Saved program counter (SPC)
Stores current PC value at time of exception to indicate return address on completion of exception
handling.
Global base register (GBR)
Stores base address of GBR-indirect addressing mode. The GBR-indirect addressing mode is used for
data transfer and logical operations on the on-chip peripheral module register area.
Vector base register (VBR)
Stores base address of exception vector area.
Repeat start register (RS)
Used in DSP mode only. Indicates start address of repeat loop.
Repeat end register (RE)
Used in DSP mode only. Indicates address of repeat loop end.
Modulo register (MOD)
Used in DSP mode only.
MOD[31:16]: ME: Modulo end address, MOD[15:0]: MS: Modulo start address.
In X/Y operand address generation, the CPU compares the address with ME, and if it is the same,
loads MS in either the X or Y operand address register (depending on bits DMX and DMY in the SR
register).
Figure 2.5 Control Registers (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com