Electronic Components Datasheet Search
  English  ▼

X  

SH7727 Datasheet(PDF) 101 Page - Renesas Technology Corp

Part # SH7727
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  1109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7727 Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button SH7727 Datasheet HTML 97Page - Renesas Technology Corp SH7727 Datasheet HTML 98Page - Renesas Technology Corp SH7727 Datasheet HTML 99Page - Renesas Technology Corp SH7727 Datasheet HTML 100Page - Renesas Technology Corp SH7727 Datasheet HTML 101Page - Renesas Technology Corp SH7727 Datasheet HTML 102Page - Renesas Technology Corp SH7727 Datasheet HTML 103Page - Renesas Technology Corp SH7727 Datasheet HTML 104Page - Renesas Technology Corp SH7727 Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 1109 page
background image
Section 2 CPU
Rev. 5.00 Dec 12, 2005 page 29 of 1034
REJ09B0254-0500
31
0MD
RC
0-0
DSP DMY DMX M
Q
I3
I2
I1
I0 RF1 RF0 ST
RB
BL
28 27
16 15 13 12
11
10
9
8
7
6
5
4
3
2
1
0
SR (Status register)
MD bit:
Processor operation mode
MD = 1: Privileged mode
MD = 0: User mode
RB bit:
Register bank bit; used to define the general registers in privileged mode.
RB = 1:
R0_BANK1 to R7_BANK1 are used as general registers.
R0_BANK0 to R7_BANK0 accessed by LDC/STC instructions.
RB = 0:
R0_BANK0 to R7_BANK0 are used as general registers.
R0_BANK1 to R7_BANK1 accessed by LDC/STC instructions.
BL bit:
Block bit; used to mask exception in privileged mode.
BL = 1: Interrupts are masked (not accepted)
BL = 0: Interrupts are accepted
RC [11:0]: 12-bit repeat counter
DSP bit:
DSP operation mode
DSP = 1: DSP instructions (LDS Rm, DSR/A0/X0/X1/Y0/Y1,
LDS.L @Rm+, DSR/A0/X0/X1/Y0/Y1, STS DSR/A0/X0/X1/Y0/Y1, Rn,
STS.L DSR/A0/X0/X1/Y0/Y1, @
−Rn, LDC Rm, RS/RE/MOD,
LDC.L @Rm+, RS/RE/MOD, STC RS/RE/MOD,Rn, STC.L RS/RE/MOD, @
−Rn,
LDRS, LDRE, SETRC, MOVS, MOVX, MOVY, Pxxx) are enabled.
DSP = 0: All DSP instructions are treated as illegal instructions; only SH3 instructions are
supported.
DMY bit:
Modulo addressing enable for Y side
DMX bit:
Modulo addressing enable for X side
Q, M bit:
Used by DIV0U/S and DIV1 instructions.
I [3:0]:
4-bit field indicating the interrupt request mask level.
RF [1:0]:
Used for repeat control
S bit:
Used by the MAC instructions and DSP data.
T bit:
The MOVT, CMP/cond, TAS, TST, BT, BF, SETT, CLRT and DT instructions use the T bit to
indicate true (logic one) or false (logic zero). The ADDV/C, SUBV/C, DIV0U/S, DIV1,
NEGC, SHAR/L, SHLR/L, ROTR/L and ROTCR/L instructions also use the T bit to indicate
a carry, borrow, overflow, or underflow.
Reserved bits: Always read as 0, and should always be written with 0 (bit 31, bits 15 to 13).
Figure 2.5 Control Registers (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com