Electronic Components Datasheet Search
  English  ▼

X  

SH7727 Datasheet(PDF) 76 Page - Renesas Technology Corp

Part # SH7727
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  1109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7727 Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button SH7727 Datasheet HTML 72Page - Renesas Technology Corp SH7727 Datasheet HTML 73Page - Renesas Technology Corp SH7727 Datasheet HTML 74Page - Renesas Technology Corp SH7727 Datasheet HTML 75Page - Renesas Technology Corp SH7727 Datasheet HTML 76Page - Renesas Technology Corp SH7727 Datasheet HTML 77Page - Renesas Technology Corp SH7727 Datasheet HTML 78Page - Renesas Technology Corp SH7727 Datasheet HTML 79Page - Renesas Technology Corp SH7727 Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 1109 page
background image
Section 1 Overview and Pin Functions
Rev. 5.00 Dec 12, 2005 page 4 of 1034
REJ09B0254-0500
Item
Features
Memory
management
unit (MMU)
• 4 Gbytes of address space, 256 address spaces (ASID 8 bits)
• Page unit sharing
• Supports multiple page sizes: 1 kbytes or 4 kbytes
• 128-entry, 4-way set associative TLB
• Supports software selection of replacement method and random-
replacement algorithms
• Contents of TLB can directly be accessed according to the address mapping
Cache memory
• 16-kbyte cache, mixed instruction/data
• 256 entries, 4-way set associative, 16-byte block length
• Write-back, write-through, least recently used (LRU) replacement algorithm
• 1-stage write-back buffer
• Maximum 2 ways of the cache can be locked
X/Y memory
• User-selectable mapping mechanism
 Fixed mapping for mission-critical realtime applications
 Automatic mapping through TLB for easy to use
• 3 independent read/write ports
 8-/16-/32-bit access from the CPU
 Maximum two 16-bit accesses from the DSP
 8-/16-/32-bit access from the DMAC
• 8-kbyte RAM for X and Y memory individually
Interrupt
controller (INTC)
• 7 external interrupt pins (NMI, IRQ5–IRQ0)
• On-chip peripheral interrupts: set priority levels for each module
User break
controller (UBC)
• 2 break channels
• Addresses, data values, type of access, and data size can all be set as
break conditions
• Supports a sequential break function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com