Electronic Components Datasheet Search
  English  ▼

X  

SH7727 Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # SH7727
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  1109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7727 Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button SH7727 Datasheet HTML 22Page - Renesas Technology Corp SH7727 Datasheet HTML 23Page - Renesas Technology Corp SH7727 Datasheet HTML 24Page - Renesas Technology Corp SH7727 Datasheet HTML 25Page - Renesas Technology Corp SH7727 Datasheet HTML 26Page - Renesas Technology Corp SH7727 Datasheet HTML 27Page - Renesas Technology Corp SH7727 Datasheet HTML 28Page - Renesas Technology Corp SH7727 Datasheet HTML 29Page - Renesas Technology Corp SH7727 Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 1109 page
background image
Rev. 5.00 Dec 12, 2005 page xxvi of lxxii
Page
Previous Version
Revised Version
942
Table 32.6 Control Signal Timing
33 MHz*
2
66.67 MHz*
3
Min
Max
Min
Max
RESETP pulse width
tRESPW
20
—
20*
4
—
RESETP setup time*
1
tRESPS
23
—
23
—
RESETP hold time
tRESPH
2
—
2
—
RESETM pulse width
tRESMW
12
—
12*
5
—
RESETM setup time
tRESMS
3
—
3
—
RESETM hold time
tRESMH
34
—
34
—
BREQ setup time
tBREQS
10
—
10
—
BREQ hold time
tBREQH
3
—
3
—
NMI setup time *
1
tNMIS
10
—
10
—
NMI hold time
tNMIH
4
—
4
—
IRQ5–IRQ0 setup time *
1
tIRQS
10
—
10
—
IRQ5–IRQ0 hold time
tIRQH
4
—
4
—
BACK delay time
tBACKD
—
10
—
10
STATUS1, STATUS0 delay
time
tSTD
—
16
—
16
Bus tri-state delay time 1
tBOFF1
015
0
15
Bus tri-state delay time 2
tBOFF2
015
0
15
Bus buffer-on time 1
tBON1
015
0
15
Bus buffer-on time 2
tBON2
015
0
15
Table 32.9 Control Signal Timing
Min
Max
RESETP pulse width
tRESPW
20*
2
—
RESETP setup time*
1
tRESPS
23
—
RESETP hold time
tRESPH
2
—
RESETM pulse width
tRESMW
12*
3
—
RESETM setup time
tRESMS
3
—
RESETM hold time
tRESMH
34
—
BREQ setup time
tBREQS
10
—
BREQ hold time
tBREQH
3
—
NMI setup time *
1
tNMIS
10
—
NMI hold time
tNMIH
4
—
IRQ5–IRQ0 setup time *
1
tIRQS
10
—
IRQ5–IRQ0 hold time
tIRQH
4
—
BACK delay time
tBACKD
—
10
STATUS1, STATUS0 delay time
tSTD
—
16
Bus tri-state delay time 1
tBOFF1
0
15
Bus tri-state delay time 2
tBOFF2
0
15
Bus buffer-on time 1
tBON1
0
15
Bus buffer-on time 2
tBON2
0
15
Notes:
*1
RESETP, NMI and IRQ5 to IRQ0 are
asynchronous. Changes are detected at
the clock fall when the setup shown is
used. When the setup cannot be used,
detection can be delayed until the next
clock falls. When using as IRL, please
observe the setup time.
*2 When Vcc = 1.6 to 2.05 V and VccQ =
2.6 to 3.6 V, the upper limit of the external
bus clock is 33 MHz.
*3 When Vcc = 1.75 to 2.05 V and VccQ =
3.0 to 3.6 V, the upper limit of the external
bus clock is 66.67 MHz.
*4 In the standby mode, tRESPW = tOSC2 (10
ms). In the sleep mode, tRESPW = tPLL1 (100
µs). When the clock multiplication ratio is
changed, tRESPW = tPLL1 (100 µs).
1.
RESETP, NMI and IRQ5 to IRQ0 are
asynchronous. Changes are detected at
the clock fall when the setup shown is
used. When the setup cannot be used,
detection can be delayed until the next
clock falls. When using as IRL, please
observe the setup time.
2. In the standby mode, tRESPW = tOSC2 (10
ms). In the sleep mode, tRESPW = tPLL1 (100
µs). When the clock multiplication ratio is
changed, tRESPW = tPLL1 (100 µs).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com